Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN6550 Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce AN6550
Description  Dual Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6550 Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  AN6550 Datasheet HTML 1Page - Panasonic Semiconductor AN6550 Datasheet HTML 2Page - Panasonic Semiconductor AN6550 Datasheet HTML 3Page - Panasonic Semiconductor AN6550 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AN6550
VEE
VCC
9
5
2
VEXT
R=1k
—10k
1 ) By diode
s How to Apply External to the AN6550
AN6550
VCC
VEXT
VEE
9
2
5
R1=10k
VR=10k
AN6550
VCC
VEXT
VEE
9
2
5
AN6550
VCC
VEXT
VEE
9
2
5
R 10k
2 ) By connecting VEXT pin to GND
3 ) By dividing with resistors
4 ) By Zener diode
The AN6550 is an operational amplifier with a phase
compensation circuit built-in, allowing low voltage oper-
ation, and its current consumption and bandwidth can be
changed by applying external bias to it.
As shown below, applys bias voltage to 2 VEXT pin of the
AN6550 allows the AN6550 to be handled in the very
same way as the AN6551, except for pin connection.
1.
2.
Set VEXT VEE+1V.
(VCC–VEE 6V)
>
=
>
=
>
=
OP. Amp.
+
OP. Amp.
VCC=5—20V
2.2k
36k
390k
10k
10k
10k
R1
R2
100k
100k
1k
33
µF
0.01
µF
2200pF
33pF
5
2
VEXT
9
100
µF
RIAA
Preamplifier (single power supply operation)
Note) R1 and R2 are resistances for setting operational amplifier bias.
Set R1 and R2 so that VEXT=2.0V to 6.0V.
(Recommended Voltage VEXT=4.5V)
s Application Circuit


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn