Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VN5016AJ-E Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce VN5016AJ-E
Description  SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5016AJ-E Fiches technique(HTML) 4 Page - STMicroelectronics

  VN5016AJ-E Datasheet HTML 1Page - STMicroelectronics VN5016AJ-E Datasheet HTML 2Page - STMicroelectronics VN5016AJ-E Datasheet HTML 3Page - STMicroelectronics VN5016AJ-E Datasheet HTML 4Page - STMicroelectronics VN5016AJ-E Datasheet HTML 5Page - STMicroelectronics VN5016AJ-E Datasheet HTML 6Page - STMicroelectronics VN5016AJ-E Datasheet HTML 7Page - STMicroelectronics VN5016AJ-E Datasheet HTML 8Page - STMicroelectronics VN5016AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VN5016AJ-E
4/13
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C, unless otherwise specified)
Table 6. Power Section
Note: (**) PowerMOS leakage included
Table 7. Switching (VCC=13V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4.5
13
36
V
VUSD
Undervoltage shutdown
3
4.5
V
VUSDhyst
Undervoltage Shut-down
hysteresis
0.5
V
RON
On state resistance
IOUT=5A; Tj=25°C
IOUT=5A; Tj=150°C
IOUT=5A; VCC=5V; Tj=25°C
16
32
20
m
m
m
Vclamp
Clamp Voltage
IS=20mA
41
46
52
V
IS
Supply current
Off State; VCC=13V; Tj=25°C;
VIN=VOUT=VSENSE=VCSD=0V
On State; VCC=13V; VIN=5V; IOUT=0A
2(**)
1.5
5(**)
3
µA
mA
IL(off)
Off state output current
VIN=VOUT=0V; VCC=13V; Tj=25°C
VIN=VOUT=0V; VCC=13V; Tj=125°C
0
0
3
5
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL=2.6
15
µs
td(off)
Turn-off delay time
RL=2.6
40
µs
(dVOUT/dt)on
Turn-on voltage slope
RL=2.6
0.3
V
/µs
(dVOUT/dt)off
Turn-off voltage slope
RL=2.6
0.35
V
/µs
WON
Switching losses energy at
turn-on
RL=2.6
TBD
mJ
WOFF
Switching losses energy at
turn-off
RL=2.6
TBD
mJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
VND5012AK-E DOUBLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS 1  2  3  4  5  More STMicroelectronics
VND5050J-E Double channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
VND5050AJ-E Double channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
VN5050J-E Single channel high side driver for automotive applications 1  2  3  4  5  More STMicroelectronics
VNQ5050K-E QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS 1  2  3  4  5  More STMicroelectronics
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
M74HC4851 SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION 1  2  3  4  5  More STMicroelectronics
2SK2823 N CHANNEL MOS TYPE FOR PORTABLE EQUIPMENT HIGH SPEED ANALOG SWITCH APPLICATIONS 1  2  3  4  Toshiba Semiconductor
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn