Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC3G06DP Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC3G06DP
Description  Inverter with open-drain outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G06DP Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC3G06DP Datasheet HTML 1Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 2Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2003 Dec 02
4
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
handbook, halfpage
1
2
3
4
8
7
6
5
MNB030
06
VCC
1Y
3Y
3A
2Y
GND
2A
1A
Fig.1 Pin configuration.
handbook, halfpage
7
1
1
1
5
3
MNB031
1
2
6
Fig.2 Logic symbol.
handbook, halfpage
MNB032
1A
1Y
17
2A
2Y
35
3A
3Y
62
Fig.3 IEC logic symbol.
handbook, halfpage
MNA586
Y
A
GND
Fig.4 Logic diagram (one driver).


Numéro de pièce similaire - 74HC3G06DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC3G06DP NXP-74HC3G06DP Datasheet
92Kb / 13P
   Triple inverter with open-drain outputs
Rev. 03-11 May 2009
More results

Description similaire - 74HC3G06DP

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
   Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com