Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M62498AFP Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce M62498AFP
Description  DIGITAL SOUND CONTROLLER WITH SURROUND
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62498AFP Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62498AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62498AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ELECTRIC
MITSUBISHI
M62498AFP
MITSUBISHI SOUND PROCESSORS
(
/
)
17
DIGITAL SOUND CONTROLLER WITH SURROUND
DESCRIPTION
The M62498AFP is an optimum digital sound controller IC for home audio.
It has a 5ch input selector,input volume,surround(3 variation),tone control(3 band),loudness and
2ch master volume.
It can control all of these functions with serial data.
FEATURES
RECOMMENDED OPERATING CONDITIONS
VOL
OUT2
VOL
OUT1
SYSTEM CONFIGURATION
CLK
DATA
µ-com INTERFACE
TONE CONTROL
SURROUND
Supply voltage range ....Vcc= 4.5~5.5
Rated supply voltage.....Vcc=5V
1
IN A1
IN B1
IN C1
IN D1
IN E1
IN A2
IN B2
IN C2
IN D2
IN E2
MAIN
VOLUME
A1
&
LOUDNESS
PACKAGE
Outline
0.8mm Pitch 450mil SSOP
(8.4mm x 17.5mm x 2.0mm)
42P2R-A
INPUT
VOLUME
MAIN
VOLUME
B1
IC for
Dolby-pro-logic
MAIN
VOLUME
A2
&
LOUDNESS
INPUT
VOLUME
MAIN
VOLUME
B2
IC for
Dolby-pro-logic
Built-in 5ch input selector.
Built-in input volume (2dB step/3bit)
IC for Dolby-pro-logic Interface
Built-in Surround (ON/OFF,High/Middle/Low(3 variation))
Tone control (Bass/Mid/Treble)
Built-in Loudness.
Main Volume (36 step (0 to -80dB,-
∞)
Microcomputer Interface


Numéro de pièce similaire - M62498AFP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M62498 MITSUBISHI-M62498 Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
More results

Description similaire - M62498AFP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com