Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW30NC120HD Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STGW30NC120HD
Description  N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30NC120HD Fiches technique(HTML) 3 Page - STMicroelectronics

  STGW30NC120HD Datasheet HTML 1Page - STMicroelectronics STGW30NC120HD Datasheet HTML 2Page - STMicroelectronics STGW30NC120HD Datasheet HTML 3Page - STMicroelectronics STGW30NC120HD Datasheet HTML 4Page - STMicroelectronics STGW30NC120HD Datasheet HTML 5Page - STMicroelectronics STGW30NC120HD Datasheet HTML 6Page - STMicroelectronics STGW30NC120HD Datasheet HTML 7Page - STMicroelectronics STGW30NC120HD Datasheet HTML 8Page - STMicroelectronics STGW30NC120HD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STGW30NC120HD
2 Electrical characteristics
3/9
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 3.
Static
Table 4.
Dynamic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 250µA, VGE = 0
1200
V
VCE(SAT)
Collector-Emitter Saturation
Voltage
VGE= 15V, IC= 20A, Tj= 25°C
VGE= 15V, IC= 20A, Tj= 125°C
2.4
2
2.9
V
V
VGE(th)
Gate Threshold Voltage
VCE= VGE, IC= 250µA
57
V
ICES
Collector-Emitter Leakage
Current (VCE = 0)
VGE =Max Rating,Tc=25°C
VGE =Max Rating, Tc=125°C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE =± 20V , VCE = 0
± 100
nA
gfs
Forward Transconductance
VCE = 25V, IC= 25A
TBD
S
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VCE = 25V, f = 1 MHz, VGE = 0
TBD
TBD
TBD
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE =960V, IC=20A,VGE =15V
TBD
TBD
TBD
TBD
nC
nC
nC


Numéro de pièce similaire - STGW30NC120HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
More results

Description similaire - STGW30NC120HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
   N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com