Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51117PWRG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51117PWRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51117PWRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS51117PWRG4 Datasheet HTML 1Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 2Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 3Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 4Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 5Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 6Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 7Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 8Page - Texas Instruments TPS51117PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
DEVICE INFORMATION
VBST
LL
V5DRV
1
EN_PSV
TON
PGOOD
DRVH
DRVL
VFB
VOUT
14
13
12
11
10
9
2
3
4
5
6
V5FILT
TRIP
7
8
GND
PGND
TSSOP (PW) PACKAGE
(TOP VIEW)
TPS51117
SLVS631 – DECEMBER 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
High-side NFET gate driver output. Source 5
Ω, sink 1.5 Ω LL-node referenced driver. Drive voltage
DRVH
13
O
corresponds to VBST to LL voltage.
Rectifying (low-side) NFET gate driver output. Source 5
Ω, sink 1.5 Ω PGND referenced driver. Drive voltage
DRVL
9
O
is V5DRV voltage.
Enable/power save pin. Connect to ground to disable SMPS. Connect to 3.3 V or 5 V to turn on SMPS and
EN_PSV
1
I
activate skip mode. Float to turn on SMPS but disable skip mode (forced continuous conduction mode).
GND
7
I
Signal ground pin.
LL
12
I/O
High-side NFET gate driver return. Also serves as anode of overcurrent comparator.
Ground return for rectifying NFET gate driver. Also cathode of overcurrent protection and source node of the
PGND
8
I/O
output discharge switch.
Power-good window comparator, open-drain, output. Pull up to 5-V rail with a pull-up resistor. Current
PGOOD
6
O
capability is 7.5 mA.
TON
2
I
On-time / frequency adjustment pin. Connect to LL with 100-k
Ω to 600-kΩ resistor.
Overcurrent trip point set input. Connect resistor from this pin to signal ground to set threshold for both
TRIP
11
I
overcurrent and negative overcurrent limit.
Supply input for high-side NFET gate driver (boost terminal). Connect capacitor from this pin to LL-node. An
VBST
14
I
internal PN diode is connected between V5DRV to this pin. Designer can add external schottky diode if
forward drop is critical to drive the power NFET.
VFB
5
I
SMPS voltage feedback input. Connect the resistor divider here for adjustable output.
Connect to SMPS output. This terminal serves two functions: output voltage monitor for on-time adjustment,
VOUT
3
I
and input for the output discharge switch.
5-V Power supply input for FET gate drivers. Internally connected to VBST by a PN diode. Connect 1
µF or
V5DRV
10
I
more between this pin and PGND to support instantaneous current for gate drivers.
5-V Power supply input for all the control circuitry except gate drivers. Supply 5-V ramp rate should be 17
V5FILT
4
I
mV/us or less and TJ < 85°C to secure safe start-up of the internal reference circuit. Apply RC filter consists of
300
Ω + 1 µF or 100 Ω + 4.7 µF at the pin input.
5


Numéro de pièce similaire - TPS51117PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51117PWRG4 TI-TPS51117PWRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Description similaire - TPS51117PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com