Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3389SB Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce AN3389SB
Description  Recording/Playback Amplifier IC for 4-Head VCR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3389SB Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  AN3389SB Datasheet HTML 1Page - Panasonic Semiconductor AN3389SB Datasheet HTML 2Page - Panasonic Semiconductor AN3389SB Datasheet HTML 3Page - Panasonic Semiconductor AN3389SB Datasheet HTML 4Page - Panasonic Semiconductor AN3389SB Datasheet HTML 5Page - Panasonic Semiconductor AN3389SB Datasheet HTML 6Page - Panasonic Semiconductor AN3389SB Datasheet HTML 7Page - Panasonic Semiconductor AN3389SB Datasheet HTML 8Page - Panasonic Semiconductor AN3389SB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ICs for VCR
AN3389SB
Pin No.
Pin name
Equivalent circuit
1
VCC1
200
DC voltage (VCC=5V)
Description
2
2
3
9
10
16
CHARGE
Rec. AGC
Det.
DUMP3
DUMP4
DUMP1
DUMP2
1
5k
1.65V
(PB)
1.25V
(PB)
5V
5k
VCC (5V)
0.1
µF
2
(For
recording)
0.1
µF
15k
15k
200
70k
36k
5k
4
11
EPCOM
SPCOM
2.2V
(Rec)
(For recording)
4
10
10
100
100
s Pin Descriptions
(For
playback)
2
3
(9)
(10)
(16)
(11)
Power supply input for playback
and recording amplifiers
Integration output of automatic
tracking interface peak detection
signal for the playback mode. An
external capacitor is connected to
this pin for integration function.
Recording AGC detection. Con-
nected to an external capacitor for
the recording mode
Head amplifier damping adjust-
ment. Connected to an external
resistor
Recording current output for the
recording mode. Pin4 (EPCOM) is
terminated in the SP mode, and
Pin11 (SPCOM) is terminated in
the EP mode.


Numéro de pièce similaire - AN3389SB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
   The purpose of this application note is to describe:
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN3387 STMICROELECTRONICS-AN3387 Datasheet
950Kb / 12P
   This short document gives some practical indications
More results

Description similaire - AN3389SB

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
   2-head recording and playback amplifier IC A2 for HiFi VCR
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
logo
STMicroelectronics
STV5744A STMICROELECTRONICS-STV5744A Datasheet
88Kb / 8P
   4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5725 STMICROELECTRONICS-STV5725 Datasheet
415Kb / 7P
   4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
September 1996
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com