Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCLLZ43V Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce TCLLZ43V
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ43V Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TCLLZ43V Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 9Page - List of Unclassifed Manufacturers TCLLZ43V Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
March 2003 / B
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TCLLZ16V
16
5
40
0.2
12
TCLLZ18V
18
5
45
0.2
13
TCLLZ20V
20
5
45
0.2
15
TCLLZ22V
22
5
30
0.2
17
TCLLZ24V
24
5
35
0.2
19
TCLLZ27V
27
5
45
0.2
21
TCLLZ30V
30
5
55
0.2
23
TCLLZ33V
33
5
65
0.2
25
TCLLZ36V
36
5
75
0.2
27
TCLLZ39V
39
5
85
0.2
30
TCLLZ43V
43
5
90
0.2
33
TCLLZ47V
47
5
90
0.2
36
TCLLZ51V
51
5
110
0.2
39
TCLLZ56V
56
5
110
0.2
43
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1.
The type numbers listed have zener voltage min/max limits as shown and have a standard tolerance on the nominal zener
voltage of 5%.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Ordering Information
Pack Option
Package
Quantity
7” Reel
Tape and Reel
2500
13” Reel
Tape and Reel
10,000
Others
(…contact Tak Cheong sales representatives)
LL34 (Mini-MELF) Tape Packaging Standards
This standard practices for surface-mount tape packaging of leadless (Mini-MELF) components meets the requirements of EIA Standard
RS-481-A.
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)


Numéro de pièce similaire - TCLLZ43V

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLLZ43V TAK_CHEONG-TCLLZ43V Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ43V TAK_CHEONG-TCLLZ43V Datasheet
446Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Guangdong Juxing Electr...
TCLLZ43V JUXING-TCLLZ43V Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results

Description similaire - TCLLZ43V

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com