Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCLLZ6V2 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce TCLLZ6V2
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ6V2 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TCLLZ6V2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCLLZ6V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
March 2003 / B
Page 6
SEMICONDUCTOR
TAK CHEONG
®
Package Outline
Package
Case Outline
DO-35
DO-35
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.46
0.55
0.018
0.022
B
3.05
5.08
0.120
0.200
C
25.40
38.10
1.000
1.500
D
1.53
2.28
0.060
0.090
Notes:
1.
All dimensions are within JEDEC standard.
2.
DO35 polarity denoted by cathode band.


Numéro de pièce similaire - TCLLZ6V2

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLLZ6V2 TAK_CHEONG-TCLLZ6V2 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ6V2 TAK_CHEONG-TCLLZ6V2 Datasheet
446Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Guangdong Juxing Electr...
TCLLZ6V2 JUXING-TCLLZ6V2 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results

Description similaire - TCLLZ6V2

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com