Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC3225TB Fiches technique(PDF) 1 Page - California Eastern Labs

No de pièce UPC3225TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3225TB Fiches technique(HTML) 1 Page - California Eastern Labs

  UPC3225TB Datasheet HTML 1Page - California Eastern Labs UPC3225TB Datasheet HTML 2Page - California Eastern Labs UPC3225TB Datasheet HTML 3Page - California Eastern Labs UPC3225TB Datasheet HTML 4Page - California Eastern Labs UPC3225TB Datasheet HTML 5Page - California Eastern Labs UPC3225TB Datasheet HTML 6Page - California Eastern Labs UPC3225TB Datasheet HTML 7Page - California Eastern Labs UPC3225TB Datasheet HTML 8Page - California Eastern Labs UPC3225TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The
PC3225TB is a silicon germanium (SiGe) monolithic integrated circuits designed as IF amplifier for DBS
tuners. This IC is manufactured using our 50 GHz fmax UHS2 (UltraHighSpeed Process) SiGe bipolar process.
FEATURES
• Wideband response
: fu = 2.8 GHz TYP. @ 3 dB bandwidth
• Low current
: ICC = 24.5 mA TYP.
• Medium output power
: PO (sat) = +15.5 dBm TYP. @ f = 0.95GHz
: PO (sat) = +12.5 dBm TYP. @ f = 2.15 GHz
• High linearity
: PO (1dB) = +9.0 dBm TYP. @ f = 0.95 GHz
: PO (1dB) = +7.0 dBm TYP. @ f = 2.15 GHz
• Power gain
: GP = 32.5 dB TYP. @ f = 0.95 GHz
: GP = 33.5 dB TYP. @ f = 2.15 GHz
• Noise Figure
: NF = 3.7 dB TYP. @ f = 0.95 GHz
: NF = 3.7 dB TYP. @ f = 2.15 GHz
• Supply voltage
: VCC = 4.5 to 5.5 V
• Port impedance
: input/output 50
APPLICATIONS
• IF amplifiers in LNB for DBS converters etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
PC3225TB-E3
PC3225TB-E3-A 6-pin super minimold
(Pb-Free)
Note
C3M
Embossed tape 8 mm wide.
1, 2, 3 pins face the perforation side of the tape.
Qty 3 kpcs/reel.
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark
To order evaluation samples, please contact your nearby sales office
Part number for sample order:
PC3225TB.
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3225TB
5 V, SILICON GERMANIUM MMIC
MEDIUM OUTPUT POWER AMPLIFIER
Document No. PU10500EJ01V0DS (1st edition)
Date Published December 2004 CP(K)
NEC Compound Semiconductor Devices, Ltd. 2004


Numéro de pièce similaire - UPC3225TB

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
UPC3225TB CEL-UPC3225TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3225TB RENESAS-UPC3225TB Datasheet
377Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
NEC
UPC3225TB-E3 NEC-UPC3225TB-E3 Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3225TB-E3 RENESAS-UPC3225TB-E3 Datasheet
377Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results

Description similaire - UPC3225TB

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com