Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2574 Fiches technique(PDF) 10 Page - TelCom Semiconductor, Inc

No de pièce TC2574
Description  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Fiches technique(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 14Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TC2574
10
TC2574-1 1/6/00
0.5A Step-Down Switching Regulator
Procedure (Adjustable Output Version: TC2574-ADJ) (Continued)
Procedure
Example
5. Output Capacitor Selection (COUT )
A. Since the TC2574 is a forward–mode switching regulator
with voltage mode control, its open loop 2–pole–1–zero
frequency characteristic has the dominant pole–pair
determined by the output capacitor and inductor values.
For stable operation, the capacitor must satisfy the
following requirement:
COUT ≥ 13,000
VIN(max)
[
µF]
VOUT x L[µF]
B. Capacitor values between 10
µF and 2000µF will satisfy
the loop requirements for stable operation. To achieve an
acceptable output ripple voltage and transient
response, the output capacitor may need to be several
times larger than the above formula yields.
C. Due to the fact that the higher voltage electrolytic capaci-
tors generally have lower ESR (Equivalent Series
Resistance) numbers, the output capacitor’s voltage
rating should be at least 1.5 times greater than the output
voltage. For a 5.0V regulator, a rating of at least 8.0V is
appropriate, and a 10V or 16V rating is recommended.
5. Output Capacitor Selection (COUT )
A.
COUT ≥ 13,300 x
40
22.2
µF
24 x 1000
To achieve an acceptable ripple voltage, select COUT
100
µF electrolytic capacitor.
Table 1. Diode Selection Guide gives an overview about through-hole diodes for an effective design.
1.0 Amp Diodes
VR
Schottky
Fast Recovery
20V
1N5817
MBR120P
30V
1N5818
MUR110
MBR130P
(rated to 100V)
40V
1N5819
MBR140P
50V
MBR150
60V
MBR160


Numéro de pièce similaire - TC2574

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

Description similaire - TC2574

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com