Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2574 Fiches technique(PDF) 5 Page - TelCom Semiconductor, Inc

No de pièce TC2574
Description  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Fiches technique(HTML) 5 Page - TelCom Semiconductor, Inc

  TC2574 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
CIN
22
µF
COUT
220
µF
+VIN
5
2
Sig
GND
PWR
GND
43
7
1L1
330
µH
Output
D1
Feedback
ON/OFF
7.0 – 40V
Unregulated
DC Input
5.0V Regulated
Output 0.5A Load
TC2574
+
Figure 1. Block Diagram and Typical Application: Fixed Output Versions
Figure 2. Test Circuit and Layout Guidelines
CIN
22
µF
COUT
220
µF
VOUT
VIN
5
4
Sig
GND
PWR
GND
2
3
7
1
D1
1N5819
L1
330
µH
Output
Test CIrcuit and Layout Guidelines
CIN
- 22
µF, 60V, Aluminum Electrolytic
COUT - 220µF, 25V, Aluminum Electrolytic
D1
- Schottky, 1N5819
L1
- 2.0k,0.1%
R2
- 6.12k, 0.1%
VOUT = VREF
(1.0 +
R2)
R1
ON/OFF
7.0 – 40V
Unregulated
DC Input
TC2574
+
+
Load
Fixed Output
CIN
22
µF
R2
6.12k
R2
6.12k
COUT
220
µF
VOUT
5.0V
VIN
5
4
Sig
GND
PWR
GND
2
3
7
1
D1
1N5819
L1
330
µH
Output
Where VREF = 1.23V, R1
between 1.0k
Ω and 5.0kΩ
Adjustable Output Voltage Versions
ON/OFF
7.0 – 40V
Unregulated
DC Input
TC2574
+
+
Load
Adjustable
R1= R2
(VOUT - 1.0)
VREF


Numéro de pièce similaire - TC2574

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

Description similaire - TC2574

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com