Moteur de recherche de fiches techniques de composants électroniques |
|
SSY39V400454EU3 Fiches technique(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SSY39V400454EU3 Fiches technique(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 20 page Data Sheet 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A 3 ©2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 Data# Polling (DQ7) When the SST39LF200A/400A/800A and SST39VF200A/ 400A/800A are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. The device is then ready for the next operation. During internal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase opera- tion is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 6 for Data# Polling timing dia- gram and Figure 17 for a flowchart. Toggle Bit (DQ6) During the internal Program or Erase operation, any con- secutive attempts to read DQ6 will produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next opera- tion. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Toggle Bit timing diagram and Figure 17 for a flowchart. Data Protection The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide both hardware and software features to pro- tect nonvolatile data from inadvertent writes. Hardware Data Protection Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvert- ent writes during power-up or power-down. Software Data Protection (SDP) The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A provide the JEDEC approved Software Data Protec- tion scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence. This group of devices are shipped with the Software Data Protection per- manently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to Read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence. Common Flash Memory Interface (CFI) The SST39LF200A/400A/800A and SST39VF200A/400A/ 800A also contain the CFI information to describe the char- acteristics of the device. In order to enter the CFI Query mode, the system must write three-byte sequence, same as Software ID Entry command with 98H (CFI Query com- mand) to address 5555H in the last byte sequence. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 5 through 9. The system must write the CFI Exit command to return to Read mode from the CFI Query mode. |
Numéro de pièce similaire - SSY39V400454EU3 |
|
Description similaire - SSY39V400454EU3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |