Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2481 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2481
Description  145V Triple Bias Clamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2481 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM2481 Datasheet HTML 1Page - National Semiconductor (TI) LM2481 Datasheet HTML 2Page - National Semiconductor (TI) LM2481 Datasheet HTML 3Page - National Semiconductor (TI) LM2481 Datasheet HTML 4Page - National Semiconductor (TI) LM2481 Datasheet HTML 5Page - National Semiconductor (TI) LM2481 Datasheet HTML 6Page - National Semiconductor (TI) LM2481 Datasheet HTML 7Page - National Semiconductor (TI) LM2481 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics
(V
CC = +145V, VBB = +8V, VIN = +2.5V, Test Circuit - Figure 2)
Theory of Operation
The simplified circuit diagram of the LM2481 is shown in
Figure 1. The DC clamp circuit amplifies the input signal by
-20 and the gain is set by the resistor ratio of 20R and R. The
output will require a pull-up resistor to 145V.
Figure 2 shows the test circuit for evaluation of the LM2481
Clamp Amplifier. A high impedance voltmeter (>100M
Ω)is
used for DC measurements at the output.
Application Hints
INTRODUCTION
National Semiconductor (NSC) is committed to provide ap-
plication information that assists our customers in obtaining
the best performance possible from our products. The fol-
lowing information is provided in order to support this com-
mitment. The reader should be aware that the optimization of
performance was done using a specific printed circuit board
designed at NSC. Variations in performance can be realized
due to physical changes in the printed circuit board and the
application. Therefore, the designer should know that com-
ponent value changes may be required in order to optimize
performance in a given application. The values shown in this
document can be used as a starting point for evaluation
purposes.
POWER SUPPLY BYPASS
The LM2481 should have proper power supply bypassing for
optimum performance. A 0.1 µF capacitor should be con-
nected from the supply pins, VCC and VBB, to ground, as
close to the supply and ground pins as is practical. Addition-
ally, a 1 µF electrolytic capacitor should be connected from
the supply pins to ground. The electrolytic capacitor should
also be placed reasonably close to the LM2481’s supply and
ground pins.
ARC PROTECTION
During normal CRT operation, internal arcing may occasion-
ally occur. To protect the LM2481 against arcing the follow-
ing steps should be done (See Figure 7):
The traces connecting the LM126X preamp DACs and
the LM2481 input pins (pins 1, 13, and 14) should be run
around the top of the LM2421. They should not go
through the output circuit of the LM2421.
C43, C44, and C45 should be located close to the
LM126X preamp.
R44, R45, and R46 should be located close to the
LM2481.
C21, C24, and C25 on the output pins of the LM2481
(pins 6, 8, and 9) should be located close to the LM2481.
The grounds of these capacitors should have a short
direct return to GND (pins 3, 4, 5, 10, 11, and 12) of the
LM2481.
C9 and C36 on the supply lines (pins 2 and 7) should be
located close to the LM2481. The grounds of these ca-
pacitors should have a short direct return to GND (pins 3,
4, 5, 10, 11, and 12) of the LM2481.
The ground of the LM2481 should have a short direct
connection to the ground of the LM2421.
Thermal Considerations
The package the LM2481 is in uses the ground pins (3, 4, 5,
10, 11, and 12) to conduct heat from the LM2481. These pins
should be connected to a ground plane that acts as a heat
sink. See the example ground plane connected to these pins
in the National Semiconductor PCB shown in Figure 7.
Figure 4 is used to determine the size of ground plane heat
sink. The lines in Figure 4 represent a junction temperature
of 150˚C when the size of heat sink noted by the line is used.
The area under the line is the safe operating area. Using
Figure 4, the following example shows how to determine the
size of the ground plane.
The LM2481 uses about 0.4W of quiescent power. If V
CC =
+145V, and each channel of the LM2481 needs to sink an
average of 1mA, the LM2481 will use:
0.4W+3x (145V x 1mA ) = 0.835W
Figure 4 shows that the LM2481 dissipating 0.835W with
one sq. in. of copper ground plane heat sink is in the safe
operating range for any ambient temperature up to 70˚C.
20039835
FIGURE 3. V
out vs Vin
20039836
FIGURE 4. Maximum Power Dissipation vs. Ambient
Temperature
www.national.com
3


Numéro de pièce similaire - LM2481

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM248 NSC-LM248 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
139Kb / 9P
   FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
logo
Texas Instruments
LM248 TI-LM248 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
97Kb / 5P
   QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM248-N TI-LM248-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
More results

Description similaire - LM2481

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2479 NSC-LM2479 Datasheet
78Kb / 4P
   120V Triple Bias Clamp
LM2480 NSC-LM2480 Datasheet
84Kb / 4P
   80V Triple Bias Clamp
LM2483 NSC-LM2483 Datasheet
706Kb / 8P
   180V Triple Bias Clamp
LM2485 NSC-LM2485 Datasheet
858Kb / 8P
   220V Triple Bias Clamp with G1 Blank Amplifier
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
[Old version datasheet]   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
EIC discrete Semiconduc...
R2KS EIC-R2KS Datasheet
37Kb / 2P
   AVALANCHE DIODE(145V, 1.0A)
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Monolithic Power System...
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
   Triple Output TFT Bias Converter
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com