Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP20NM60A Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STP20NM60A
Description  N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM60A Fiches technique(HTML) 1 Page - STMicroelectronics

  STP20NM60A Datasheet HTML 1Page - STMicroelectronics STP20NM60A Datasheet HTML 2Page - STMicroelectronics STP20NM60A Datasheet HTML 3Page - STMicroelectronics STP20NM60A Datasheet HTML 4Page - STMicroelectronics STP20NM60A Datasheet HTML 5Page - STMicroelectronics STP20NM60A Datasheet HTML 6Page - STMicroelectronics STP20NM60A Datasheet HTML 7Page - STMicroelectronics STP20NM60A Datasheet HTML 8Page - STMicroelectronics STP20NM60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2004
STB20NM60A-1
STP20NM60A - STF20NM60A
N-CHANNEL 650V@Tjmax -0.25Ω - 20A I²PAK/TO-220/TO-220FP
MDmesh™ MOSFET
1
2
3
1
2
3
TO-220
TO-220FP
I²PAK
1
2
3
s
TYPICAL RDS(on) = 0.25Ω
s
HIGH dv/dt
s
LOW INPUT CAPACITANCE AND GATE CHARGE
s
LOW GATE INPUT RESISTANCE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET tech-
nology that associates the Multiple Drain process with
the Company’s PowerMESH™ horizontal layout. The
resulting product has an outstanding low on-resis-
tance, impressively high dv/dt and excellent avalanche
characteristics. The adoption of the Company’s propri-
etary strip technique yields overall dynamic perfor-
mance that is significantly better than that of similar
competition’s products.
APPLICATIONS
s
SPECIFICALLY DESIGNED FOR ADAPTORS IN
QUASI-RESONANT CONFIGURATION
ORDER CODES
TYPE
VDSS @Tjmax
RDS(on)
ID
STB20NM60A-1
STP20NM60A
STF20NM60A
650 V
650 V
650 V
<0.29
<0.29
<0.29
20 A
20 A
20 A
PART NUMBER
MARKING
PACKAGE
PACKAGING
STB20NM60A-1
B20NM60A
I2PAK
TUBE
STP20NM60A
P20NM60A
TO-220
TUBE
STF20NM60A
F20NM60A
TO-220FP
TUBE
INTERNAL SCHEMATIC DIAGRAM


Numéro de pièce similaire - STP20NM60A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STP20NM60 ISC-STP20NM60 Datasheet
318Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
   N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
logo
Inchange Semiconductor ...
STP20NM60FD ISC-STP20NM60FD Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Description similaire - STP20NM60A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
   N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
September 1998
STP8NM50 STMICROELECTRONICS-STP8NM50_06 Datasheet
288Kb / 14P
   N-channel 550V @ Tjmax - 0.7廓 - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
STP9NC65 STMICROELECTRONICS-STP9NC65 Datasheet
343Kb / 9P
   N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
   N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
   N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
   N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com