Moteur de recherche de fiches techniques de composants électroniques |
|
MC100ES6014DTR2 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC100ES6014DTR2 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 8 page Advanced Clock Drivers Device Data Freescale Semiconductor 3 MC100ES6014 Table 4. Absolute Maximum Ratings(1) 1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not implied. Symbol Characteristic Conditions Rating Units VSUPPLY Power Supply Voltage Difference between VCC & VEE 3.9 V VIN Input Voltage VCC – VEE ≤ 3.6 V VCC + 0.3 VEE – 0.3 V IOUT Output Current Continuous Surge 50 100 mA mA IBB VBB Sink/Source Current ±0.5 °C TA Operating Temperature Range –40 to +85 °C TSTG Storage Temperature Range –65 to +150 °C Table 5. DC Characteristics (VCC = 0 V, VEE = –2.5 V ± 5% or VCC = 2.5 V ± 5%, VEE = 0 V) Symbol Characteristics –40°C 0°C to 85°C Unit Min Typ Max Min Typ Max IEE Power Supply Current 30 60 30 60 mA VOH Output HIGH Voltage(1) 1. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase. VCC–1250 VCC–990 VCC–800 VCC–1200 VCC–960 VCC–750 mV VOL Output LOW Voltage(1) VCC–2000 VCC–1550 VCC–1150 VCC–1925 VCC–1630 VCC–1200 mV VoutPP Output Peak-to-Peak Voltage 200 200 mV VIH Input HIGH Voltage VCC–1165 VCC–880 VCC–1165 VCC–880 mV VIL Input LOW Voltage VCC–1810 VCC–1475 VCC–1810 VCC–1475 mV VBB Output Reference Voltage IBB = 200 µA VCC–1400 VCC–1200 VCC–1400 VCC–1200 mV VPP Differential Input Voltage(2) 2. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality. 0.12 1.3 0.12 1.3 mV VCMR Differential Cross Point Voltage(3) 3. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range and the input swing lies within the VPP (DC) specification. VEE+0.2 VCC–1.0 VEE+0.2 VCC–1.0 mV IIN Input Current ±150 ±150 µA Table 6. DC Characteristics (VCC = 0 V, VEE = –3.8 V to –3.135 V or VCC = 3.135 V to 3.8 V, VEE = 0 V) Symbol Characteristics –40°C 0°C to 85°C Unit Min Typ Max Min Typ Max IEE Power Supply Current 30 60 30 60 mA VOH Output HIGH Voltage(1) 1. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase. VCC–1150 VCC–1020 VCC–800 VCC–1200 VCC–970 VCC–750 mV VOL Output LOW Voltage(1) VCC–1950 VCC–1620 VCC–1250 VCC–2000 VCC–1680 VCC–1300 mV VoutPP Output Peak-to-Peak Voltage 200 200 mV VIH Input HIGH Voltage VCC–1165 VCC–880 VCC–1165 VCC–880 mV VIL Input LOW Voltage VCC–1810 VCC–1475 VCC–1810 VCC–1475 mV VBB Output Reference Voltage IBB = 200 µA VCC–1400 VCC–1200 VCC–1400 VCC–1200 mV VPP Differential Input Voltage(2) 2. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality. 0.12 1.3 0.12 1.3 V VCMR Differential Cross Point Voltage(3) 3. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range and the input swing lies within the VPP (DC) specification. VEE+0.2 VCC–1.1 VEE+0.2 VCC–1.1 V IIN Input Current ±150 ±150 µA |
Numéro de pièce similaire - MC100ES6014DTR2 |
|
Description similaire - MC100ES6014DTR2 |