Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62002APG Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TD62002APG
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002APG Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TD62002APG Datasheet HTML 1Page - Toshiba Semiconductor TD62002APG Datasheet HTML 2Page - Toshiba Semiconductor TD62002APG Datasheet HTML 3Page - Toshiba Semiconductor TD62002APG Datasheet HTML 4Page - Toshiba Semiconductor TD62002APG Datasheet HTML 5Page - Toshiba Semiconductor TD62002APG Datasheet HTML 6Page - Toshiba Semiconductor TD62002APG Datasheet HTML 7Page - Toshiba Semiconductor TD62002APG Datasheet HTML 8Page - Toshiba Semiconductor TD62002APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TD62001~004APG/AFG
2002-12-11
2
Schematics (each driver)
TD62001APG/AFG
TD62002APG/AFG
TD62003PAPG/AFG
TD62004APG/AFG
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Output sustaining voltage
VCE (SUS)
-0.5 to 50
V
Output current
IOUT
500
mA/ch
Input voltage
VIN
(Note 1)
-0.5 to 30
V
Input current
IIN
(Note 2)
25
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
500
mA
APG
1.47
Power dissipation
AFG
PD
0.625
(Note 3)
W
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Note 1: Except TD62001APG/AFG
Note 2: Only TD62001APG/AFG
Note 3: When mounted on a glass-epoxy PCB (30 mm
´ 30 mm ´ 1.6 mm, Cu area: 50%)


Numéro de pièce similaire - TD62002APG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62002APG TOSHIBA-TD62002APG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
More results

Description similaire - TD62002APG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com