Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3064 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SK3064
Description  Silicon N-Channel MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3064 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SK3064 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3064 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon MOS FETs (Small Signal)
unit: mm
Marking Symbol: 2D
1: Gate
2: Source
EIAJ: SC-70
3: Drain
S-Mini Type Package (3-pin)
2.1±0.1
1.25±0.1
0.425
0.425
1
3
2
0.2±0.1
2SK3064
Silicon N-Channel MOS FET
Secondary battery pack (Li ion battery, etc.)
For switching
s Features
q High-speed switching
q S-mini type package, allowing downsizing of the sets and auto-
matic insertion through the tape/magazine packing.
q Low-voltage drive (V
th: −1 to 2V)
q Low Ron
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Gate to Source voltage
Drain current
Max drain current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VDS
VGSO
ID
IDP
PD
Tch
Tstg
Ratings
30
±20
100
200
150
150
−55 to +150
Unit
V
V
mA
mA
mW
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Drain current
Gate cut-off current
Gate threshold voltage
Forward transfer admittance
Drain to source ON-resistance
Turn-on time
Turn-off time
Symbol
IDSS
IGSS
Vth
| Yfs |
RDS(on)
ton
toff
Conditions
VDS = 30V, VGS = 0
VGS = ±20V, VDS = 0
VDS = 5V, ID = 1µA
VDS = 5V, ID = 10mA
VDS = 5V, ID = 10mA
VDD = 5V, VGS = 0 to 5V, RL = 200Ω
VDD = 5V, VGS = 0 to 5V, RL = 200Ω
min
1
15
typ
30
150
35
Unit
µA
µA
V
mS
ns
ns
max
0.1
±1
2
50


Numéro de pièce similaire - 2SK3064

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK3060 NEC-2SK3060 Datasheet
99Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Inchange Semiconductor ...
2SK3060 ISC-2SK3060 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3060 RENESAS-2SK3060 Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3060-S NEC-2SK3060-S Datasheet
99Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Inchange Semiconductor ...
2SK3060-S ISC-2SK3060-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3064

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com