Moteur de recherche de fiches techniques de composants électroniques |
|
SSY39V800704EE2 Fiches technique(PDF) 4 Page - Silicon Storage Technology, Inc |
|
SSY39V800704EE2 Fiches technique(HTML) 4 Page - Silicon Storage Technology, Inc |
4 / 20 page 4 Data Sheet 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A ©2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 Product Identification The Product Identification mode identifies the devices as the SST39LF/VF200A, SST39LF/VF400A and SST39LF/ VF800A and manufacturer as SST. This mode may be accessed by software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Table 4 for software operation, Figure 11 for the Software ID Entry and Read timing diagram, and Figure 18 for the Software ID Entry command sequence flowchart. Product Identification Mode Exit/ CFI Mode Exit In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accom- plished by issuing the Software ID Exit command sequence, which returns the device to the Read mode. This command may also be used to reset the device to the Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the Software ID Exit/ CFI Exit command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 13 for timing waveform and Figure 18 for a flowchart. TABLE 1: PRODUCT IDENTIFICATION TABLE Address Data Manufacturer’s ID 0000H 00BFH Device ID SST39LF/VF200A 0001H 2789H SST39LF/VF400A 0001H 2780H SST39LF/VF800A 0001H 2781H T1.3 360 |
Numéro de pièce similaire - SSY39V800704EE2 |
|
Description similaire - SSY39V800704EE2 |