Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS3023 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce GS3023
Description  CIC Size DynamEQ I Dynamic Equalizer - Class D
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GS3023 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  GS3023 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
521 - 15 - 03
2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hybrid Current
I
AMP
V
IN
= 0VRMS, RMPO = 50k
120
230
380
µA
Minimum Voltage
V
B
1.1
-
-
V
Total Harmonic Distortion
THD
R
VC
= 15k
Ω; V
IN
= -40dBV at1kHz
-
0.1
1
%
Input Referred Noise
IRN
NFB 0.2 to 10kHz at 12dB/oct
-
2.5
-
µVRMS
Total System Gain
A
V
45
48
51
dB
AGC
Compression Ratio
COMP
V
IN
= -60dBV & -80dBV
1.74:1
1.95:1
2.11:1
Ratio
Threshold
-
-94
-
dBV
Compression Gain Range
A
RANGE
R
VC
= 10k
Ω; Note 1
26
28
-
dB
High Pass Corner Frequency
ƒ
HPC
C
HP
- Not Connected
-
3.4
-
kHz
System Gain in Compression
A
80
V
IN
= -80dBV
38
40
42
dB
OUTPUT STAGE
Maximum Output Level
MPO
V
IN
= -20dBV, RMPO = 0
-14.3
-12.3
-10.3
dBV
MPO Range
∆MPO
V
IN
= -20dBV, RMPO = 0 to 50k
13.8
15.8
17.8
dB
Stage D Gain
A
D
-16
-
dB
REGULATOR
Regulator Voltage
V
REG
0.89
0.94
0.99
V
All parameters remain as shown in the Test Circuit unless otherwise stated in CONDITIONS column
CAUTION
CLASS 1 ESD SENSITIVITY
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE / UNITS
Supply Voltage
3 VDC
Power Dissipation
25 mW
Operating Temperature Range
-10
° C to 40° C
Storage Temperature Range
-20
° C to 70° C
PAD CONNECTION
Conditions: Input Level V
IN
= -97dBV, Frequency = 5 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 V
ELECTRICAL CHARACTERISTICS
VREG
CIN
COUT
MPO
OUT
MGND
GND
VB
RTH
CSAD
CFAD
ABOUT
CHP
IN
2
34
5
6
7
8
9
10
11
12
13
1
14
Notes:
1. A
RANGE
= V
P3
[V
IN
= -97dBV] - V
P3
[V
IN
= -20 dBV] + 77dBV


Numéro de pièce similaire - GS3023

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
   Dynamic Equalizer
logo
List of Unclassifed Man...
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
   CIC, CLASS D HYBRID
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
   AGC-O in a CIC Size Hybrid
More results

Description similaire - GS3023

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS3011 ETC1-GS3011 Datasheet
120Kb / 7P
   DynamEQ I Dynamic Equalizer
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
   CIC, CLASS D HYBRID
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
   Dynamic Equalizer
logo
List of Unclassifed Man...
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
   AGC-O in a CIC Size Hybrid
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
   Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
   Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
logo
List of Unclassifed Man...
GS3044 ETC-GS3044 Datasheet
111Kb / 6P
   AGC-O with Active Low Cut Filter in a CIC Size Hybrid
logo
Tyco Electronics
1-175195-2 MACOM-1-175195-2 Datasheet
88Kb / 1P
   M SIZE DYNAMIC SERIES REC. CONTACT
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
KR Electronics, Inc.
3069 KR-3069 Datasheet
60Kb / 2P
   Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com