Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK2128 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce 2SK2128
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2128 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  2SK2128 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2128 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2128 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power F-MOS FETs
2SK2128
VDS, VGS  Qg
td(on), tr, tf, td(off)  ID
Rth(t)  t
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
t
d(off)
t
f
t
r
t
d(on)
V
DD=200V
V
GS=10V
T
C=25˚C
Drain current I
D
(A)
10–4
10–3
10–2
10–1
110
102
103
10–2
10–1
1
10
102
(2)
d=1
0.5
0.1
0.05
(1)
0.01
T
t
P
T
t
P
d=
Notes: R
th was measured at Ta=25˚C
and under natural convection.
(1) without heat sink
(2) with a 100
× 100 × 2mm Al heat sink
Time t (s)
0
4
8
12
16
20
24
0
100
200
300
400
500
600
700
800
0
4
8
12
16
2
6
10
14
V
GS
V
DS
I
D=2A
T
C=25˚C
Gate charge amount Q
g
(nC)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SK3023 Silicon N-Channel Power F-MOS FET 1  Panasonic Semiconductor
2SK3043 Silicon N-Channel Power F-MOS FET 1  2  3  Panasonic Semiconductor
2SK796 Silicon N-channel Power F-MOS FET 1  Panasonic Semiconductor
2SK2123 Silicon N-Channel Power F-MOS FET 1  2  3  Panasonic Semiconductor
2SK3024 Silicon N-Channel Power F-MOS FET 1  Panasonic Semiconductor
2SK3044 Silicon N-Channel Power F-MOS FET 1  2  3  Panasonic Semiconductor
2SK806 Silicon N-channel Power F-MOS FET 1  Panasonic Semiconductor
2SK2124 Silicon N-Channel Power F-MOS FET 1  2  3  Panasonic Semiconductor
2SK3025 Silicon N-Channel Power F-MOS FET 1  Panasonic Semiconductor
2SK3045 Silicon N-Channel Power F-MOS FET 1  2  3  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn