Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLC100-6 Fiches technique(PDF) 10 Page - C&D Technologies

No de pièce SLC100-6
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-6 Fiches technique(HTML) 10 Page - C&D Technologies

Back Button SLC100-6 Datasheet HTML 2Page - C&D Technologies SLC100-6 Datasheet HTML 3Page - C&D Technologies SLC100-6 Datasheet HTML 4Page - C&D Technologies SLC100-6 Datasheet HTML 5Page - C&D Technologies SLC100-6 Datasheet HTML 6Page - C&D Technologies SLC100-6 Datasheet HTML 7Page - C&D Technologies SLC100-6 Datasheet HTML 8Page - C&D Technologies SLC100-6 Datasheet HTML 9Page - C&D Technologies SLC100-6 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
PERFORMANCE CURVES: SLC100 (1.2 VOUT) continued
Transient Response, 50% to 75% Load Step
Transient Response, 75% to 50% Load Step
For additional technical support or ordering information please visit our
website at www.CDpoweronline.com or call your local representative.
Power Electronics Division, Americas
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537
Fax: 520.295.4197
C&D Technologies, EMEA/Asia/Pacific
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be
accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or complete-
ness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all
warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of
dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and in user’s specific
application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Output Current (A) Vs. Ambient Temperature (Deg C) @ Vin = 48 Vdc.
0
4
8
12
16
20
24
28
32
36
40
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
Ambient Temperature (Deg C)
NC
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
600 LFM
700 LFM
Voltage Scale = 100mV/div; Time Scale = 100us/div
di/dt = 0.2A/us
Voltage Scale = 100mV/div; Time Scale = 100us/div
di/dt = 0.2A/us
V
OUT
I
OUT
I
OUT
V
OUT


Numéro de pièce similaire - SLC100-6

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
SLC100-6 MURATA-PS-SLC100-6 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

Description similaire - SLC100-6

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com