Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD0601A Datasheet(Fiches technique) 2 Page - Panasonic Semiconductor

Numéro de pièce 2SD0601A
Description  Silicon NPN epitaxial planer type
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0601A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD0601A Datenblatt HTML 1Page - Panasonic Semiconductor 2SD0601A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD601A
PC — Ta
IC — VCE
IB — VBE
IC — VBE
IC — IB
VCE(sat) — IC
hFE — IC
fT — IE
NV — IC
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
010
8
26
4
0
60
50
40
30
20
10
Ta=25˚C
I
B=160µA
40
µA
20
µA
60
µA
80
µA
140
µA
120
µA
100
µA
Collector to emitter voltage V
CE
(V)
01.0
0.8
0.2
0.6
0.4
0
1200
1000
800
600
400
200
V
CE=10V
Ta=25˚C
Base to emitter voltage V
BE
(V)
02.0
1.6
0.4
1.2
0.8
0
200
160
120
80
40
V
CE=10V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0
1000
800
200
600
400
0
240
200
160
120
80
40
V
CE=10V
Ta=25˚C
Base current I
B
(
µA)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
600
500
400
300
200
100
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
300
240
120
180
60
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
10
30
100
300
1000
0
240
200
160
120
80
40
V
CE=10V
G
V=80dB
Function=FLAT
Ta=25˚C
4.7k
R
g=100kΩ
22k
Collector current I
C
(mA)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn