Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRF-24 Datasheet(Fiches technique) 1 Page - Vishay Siliconix

Numéro de pièce IRF-24
Description  Inductors Epoxy Conformal Coated, Axial Leaded
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF-24 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF-24 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
33
IRF-24
Vishay Dale
Document Number 34056
Revision 10-Feb-05
For technical questions, contact Magnetics@vishay.com
FEATURES
• High performance ferrite core is used in this epoxy
conformally coated choke which allows for inductance
values to 1000µH.
• Axial lead type, small lightweight design.
• Special magnetic core structure contributes to high Q and
self-resonant frequencies.
• Treated with epoxy resin coating for humidity resistance to
ensure long life.
• Heat resistant adhesives.
Inductors
Epoxy Conformal Coated, Axial Leaded
STANDARD ELECTRICAL SPECIFICATIONS
SELF-
TEST
RES.
RATED
FREQ. FREQ.
DCR
DC
IND.
Q
L & Q
MIN.
MAX.
CURRENT
(
µH)
TOL.
MIN. (MHz)
(MHz)
(Ohms)
(mA)
0.10
± 5%, ± 10%
30
25.2
280
0.085
1400
0.12
± 5%, ± 10%
30
25.2
280
0.085
1350
0.15
± 5%, ± 10%
30
25.2
280
0.095
1270
0.18
± 5%, ± 10%
30
25.2
280
0.12
1200
0.22
± 5%, ± 10%
40
25.2
280
0.15
1150
0.27
± 5%, ± 10%
40
25.2
260
0.15
1110
0.33
± 5%, ± 10%
40
25.2
260
0.15
1110
0.39
± 5%, ± 10%
40
25.2
220
0.17
1000
0.47
± 5%, ± 10%
40
25.2
200
0.17
1000
0.56
± 5%, ± 10%
40
25.2
180
0.17
950
0.68
± 5%, ± 10%
40
25.2
160
0.18
900
0.82
± 5%, ± 10%
40
25.2
140
0.18
900
1.0
± 5%, ± 10%
40
25.2
135
0.18
815
1.2
± 5%, ± 10%
40
7.96
135
0.18
740
1.5
± 5%, ± 10%
40
7.96
130
0.20
700
1.8
± 5%, ± 10%
40
7.96
125
0.23
655
2.2
± 5%, ± 10%
40
7.96
80
0.25
630
2.7
± 5%, ± 10%
40
7.96
80
0.28
595
3.3
± 5%, ± 10%
40
7.96
70
0.30
575
3.9
± 5%, ± 10%
40
7.96
65
0.32
555
4.7
± 5%, ± 10%
40
7.96
45
0.35
530
5.6
± 5%, ± 10%
40
7.96
40
0.40
500
6.8
± 5%, ± 10%
40
7.96
30
0.45
470
8.2
± 5%, ± 10%
40
7.96
28
0.56
425
10
± 5%, ± 10%
40
7.96
22
0.72
370
12
± 5%, ± 10%
40
2.52
20
0.80
350
15
± 5%, ± 10%
40
2.52
16
0.88
335
18
± 5%, ± 10%
40
2.52
15
1.0
315
22
± 5%, ± 10%
40
2.52
13
1.2
285
27
± 5%, ± 10%
40
2.52
11
1.35
270
33
± 5%, ± 10%
40
2.52
10
1.50
255
39
± 5%, ± 10%
40
2.52
9.5
1.70
240
47
± 5%, ± 10%
50
2.52
8.5
2.30
205
56
± 5%, ± 10%
50
2.52
7.5
2.60
195
68
± 5%, ± 10%
50
2.52
6.5
2.90
185
82
± 5%, ± 10%
50
2.52
6.0
3.20
175
100
± 5%, ± 10%
50
2.52
5.5
3.70
165
120
± 5%, ± 10%
60
0.796
5.4
3.80
160
150
± 5%, ± 10%
60
0.796
4.75
4.90
150
180
± 5%, ± 10%
60
0.796
4.35
5.0
140
220
± 5%, ± 10%
60
0.796
4.0
6.50
130
270
± 5%, ± 10%
60
0.796
3.7
7.5
120
330
± 5%, ± 10%
60
0.796
3.4
9.5
100
390
± 5%, ± 10%
60
0.796
2.8
10.5
95
470
± 5%, ± 10%
60
0.796
2.56
17.5
90
560
± 5%, ± 10%
60
0.796
2.35
18.5
85
680
± 5%, ± 10%
60
0.796
2.0
20.0
75
820
± 5%, ± 10%
60
0.796
1.60
23.7
65
1000
± 5%, ± 10%
50
0.796
1.15
30.0
60
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1µH to 1000µH.
Inductance Tolerance: ± 10% from 0.1µH to 1000µH
standard, ± 5% optional.
Operating Temperature Range: - 20°C to + 105°C.
Dielectric Strength: 250V RMS.
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds. Twist = 360°C x 3.
Protection: Epoxy uniform roll coated.
Leads: Tinned copper.
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20°C.
DIMENSIONS
in inches [millimeters]
AB
C
D
MODEL
(Max.)
(Max.)
(Max.)
(Max.)
IRF-24
0.157
0.118
0.394
0.020
[4.0]
[3.0]
[10.0]
[0.5]
A (Max.)
B
(Max.)
D
(Max.)
C (Max.)
0.98 [25.0]
Min.
1.22 [31.0]
Max.
GLOBAL PART NUMBER
PRODUCT FAMILY
SIZE
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
DESCRIPTION
IRF-24
6.8µH
± 10%
ER
e2
MODEL
INDUCTANCE
INDUCTANCE
PACKAGE
JDEC LEAD FREE
VALUE
TOLERANCE
CODE
STANDARD
See the end of this data book for conversion tables
I
R
F
2
4
E
R
6
R
8K


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn