Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8008ARM-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8008ARM-REEL7
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8008ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 13Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 14Page - Analog Devices AD8008ARM-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. C
AD8007/AD8008
–11–
FREQUENCY – Hz
10
1k
100
100
10
1
10k
100k
1M
2.7nV/ Hz
TPC 31. Input Voltage Noise vs. Frequency
FREQUENCY – Hz
100k
10M
1M
100
10
1
100M
1G
1000
0.1
0.01
G =
2
TPC 32. Output Impedance vs. Frequency
FREQUENCY – Hz
100M
1G
–10
–20
–30
100k
1M
0
10M
–40
–50
–60
–70
VS = 5V, 5V
TPC 33. CMRR vs. Frequency
FREQUENCY – Hz
10
10k
100
100
10
1
100k
1M
1000
10M
1k
NONINVERTING CURRENT NOISE 2.0pA/ Hz
INVERTING CURRENT NOISE 22.5pA/ Hz
TPC 34. Input Current Noise vs. Frequency
FREQUENCY – Hz
100k
1G
–100
1M
10M
100M
–90
–80
–70
–60
–50
–40
–20
–30
G =
2
R = 150
VS = 5V
VM = 1V p-p
SIDE B DRIVEN
SIDE A DRIVEN
TPC 35. AD8008 Crosstalk vs. Frequency (Output to Output)
FREQUENCY – Hz
20
10
10k
1M
100k
–20
–30
–40
–50
0
–10
10M
100M
1G
–60
–70
–80
+PSRR
–PSRR
TPC 36. PSRR vs. Frequency
(VS =
±5 V, RL = 150 , RS = 200 , RF = 499 , unless otherwise noted.)


Numéro de pièce similaire - AD8008ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
More results

Description similaire - AD8008ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com