Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8008AR-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8008AR-REEL
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8008AR-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8008AR-REEL Datasheet HTML 6Page - Analog Devices AD8008AR-REEL Datasheet HTML 7Page - Analog Devices AD8008AR-REEL Datasheet HTML 8Page - Analog Devices AD8008AR-REEL Datasheet HTML 9Page - Analog Devices AD8008AR-REEL Datasheet HTML 10Page - Analog Devices AD8008AR-REEL Datasheet HTML 11Page - Analog Devices AD8008AR-REEL Datasheet HTML 12Page - Analog Devices AD8008AR-REEL Datasheet HTML 13Page - Analog Devices AD8008AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. C
–10–
AD8007/AD8008
VOUT – V p-p
–90
1.5
1
–70
–75
–80
–85
–65
2
G =
2
VS = 5V
FO = 20MHz
2.5
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
–60
TPC 25. AD8007 Second and Third Harmonic
Distortion vs. VOUT and RL
FREQUENCY – MHz
38
5
42
41
40
39
43
G = +2
VS = 5V
VO = 2V p-p
RL = 1k
37
36
35
10
15
20
25
30
35
40
45
50
55
60
65
70
44
TPC 26. AD8007 Third Order Intercept vs. Frequency
VOUT – V p-p
–90
1.5
1
–70
–75
–80
–85
–65
2
G =
2
VS = 5V
FO = 20MHz
2.5
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 27. AD8008 Second and Third Harmonic
Distortion vs. VOUT and RL
VOUT – V p-p
–90
2
1
–70
–75
–80
–85
–65
34
G =
2
VS = 5V
FO = 20MHz
–95
–100
–105
–110
56
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 28. AD8007 Second and Third Harmonic
Distortion vs. VOUT and RL
FREQUENCY – MHz
38
42
41
40
39
43
70
44
G =
2
VS = 5V
VO = 2V p-p
RL = 1k
37
36
35
65
60
55
50
45
40
35
30
25
20
15
10
5
TPC 29. AD8008 Third Order Intercept vs. Frequency
VOUT – V p-p
–90
1
–70
–75
–80
–85
–65
26
G =
2
VS = 5V
FO = 20MHz
HD2, RL = 1k
HD2, RL = 150
HD3, RL = 150
HD3, RL = 1k
–95
–100
–105
–110
345
TPC 30. AD8008 Second and Third Harmonic
Distortion vs. VOUT and RL
(VS =
5 V, RS = 200
, RF = 499
, RL = 150
, @25 C unless otherwise noted.)


Numéro de pièce similaire - AD8008AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008AR-REEL7 AD-AD8008AR-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL7 AD-AD8008AR-REEL7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
More results

Description similaire - AD8008AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com