Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-T251-500 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-T251-500
Description  0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-T251-500 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-T251-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Regulatory Information
The HCPL-T251 is under
approval by the following
organizations:
UL
Approval under UL 1577,
Component Recognition
Program, File E55361.
Insulation and Safety Related
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
L(101)
7.1
mm
Measured from input terminals to
(Clearance)
output terminals, shortest distance through
air.
Minimum External Tracking
L(102)
7.4
mm
Measured from input terminals to
(Creepage)
output terminals, shortest distance path
along body.
Minimum Internal Plastic Gap
0.08
mm
Insulation thickness between emitter
(Internal Clearance)
and detector; also known as distance
through insulation
Tracking Resistance
CTI
≥ 175 Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Absolute Maximum Ratings (Compared with HCPL-3140)
HCPL-3140
HCPL-T251
Parameter
Symbol
Units
Min.
Max.
Min.
Max.
Note
Operating Temperature
TA
°C
- 40
100
-20
85
“High” Peak Output Current
IOH(PEAK)
A
0.6
0.4
1
“High” Peak Output Current
IOL(PEAK)
A
0.6
0.4
Storage Temperature
TS
°C
-55
125
-55
125
Average Input Current
IF(AVG)
mA
25
20
2
Peak Transient Input Current
IF(TRAN)
A
1.0
1.0
(<1
µs Pulse Width, 300 pps)
Reverse Input Voltage
VR
V5
5
Supply Voltage
(VCC - VEE)
V
-0.5
35
-0.5
35
Output Voltage
VO
V0
VCC
0VCC
Output Power Dissipation
PO
mW
250
250
3
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Notes:
1. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%.
2. Derate linearly above 70
°C free-air temperature at a rate of 0.3 mA/°C.
3. Derate lineraly above 70
°C free-air temperature at a rate of 4.8 mW/°C.
CSA
Approval under CSA Component
Acceptance Notice #5, File CA 88324.


Numéro de pièce similaire - HCPL-T251-500

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-T251-500

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com