Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1403GS Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce CD1403GS
Description  CD1403GS
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CD1403GS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD1403GS Datenblatt HTML 1Page - List of Unclassifed Manufacturers CD1403GS Datenblatt HTML 2Page - List of Unclassifed Manufacturers CD1403GS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicore
兴芯谷科技有限公司
CD1403GS
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
3/3
测试原理图和应用图
特性曲线
+
_
1
+
_
2
+
_
3
+
_
4
+
_
6
+
_
8
amp
5
9
7
D1
D2
D3
D4
D5
R1
10K
C1
10uF
VR
10K
2.2uF
LED
AC IN
Icc
Vcc
-25 -20
0
20
40
60
80
75
1200
1100
1000
800
600
550
400
200
0
Pd max-- Ta
环境温度
Ta --
°C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn