Moteur de recherche de fiches techniques de composants électroniques |
|
AD8316-EVAL Fiches technique(PDF) 5 Page - Analog Devices |
|
AD8316-EVAL Fiches technique(HTML) 5 Page - Analog Devices |
5 / 20 page REV. C AD8316 –5– INPUT AMPLITUDE – dBm –1 –60 –2 –4 –40 –30 –20 0 1 –10 0 10 4 2 3 –50 –73 –53 –43 –33 –13 –23 –3 –63 –3 INPUT AMPLITUDE – dBV +85 C –30 C TPC 7. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 0.1 GHz INPUT AMPLITUDE – dBm –1 –60 –2 –4 –40 –30 –20 0 1 –10 0 10 4 2 3 –50 –73 –53 –43 –33 –13 –23 –3 –63 –3 INPUT AMPLITUDE – dBV +85 C –30 C TPC 8. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 0.9 GHz FREQUENCY – GHz 700 0 1000 100 0.5 1.5 2.0 1600 1300 2.5 3100 1900 2500 400 1.0 –1200 –1600 –2000 –600 –800 0 –400 –200 –1800 X 2800 2200 –1400 –1000 R (CSP) FREQ MSOP CHIP-SCALE (LFCSP) (GHz) 0.1 0.9 1.9 2.5 R – 3100 – 600 – 320 – 110 – jX j1220 j194 j134 j86 R – 2630 – 1000 – 620 – 435 – jX j1800 j270 j130 j110 R X (LFCSP) X (MSOP) R (MSOP) TPC 9. Input Impedance vs. Frequency INPUT AMPLITUDE – dBm –1 –60 –2 –4 –40 –30 –20 0 1 –10 0 10 4 2 3 –50 –73 –53 –43 –33 –13 –23 –3 –63 –3 INPUT AMPLITUDE – dBV +85 C –30 C TPC 10. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 1.9 GHz INPUT AMPLITUDE – dBm –1 –60 –2 –4 –40 –30 –20 0 1 –10 0 10 4 2 3 –50 –73 –53 –43 –33 –13 –23 –3 –63 –3 INPUT AMPLITUDE – dBV +85 C –30 C TPC 11. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 2.5 GHz VENBL – V 0.8 1.0 1.1 1.2 1.4 1.3 1.5 8 0.9 6 4 2 0 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 INCREASING VENBL DECREASING VENBL TPC 12. Supply Current vs. VENBL |
Numéro de pièce similaire - AD8316-EVAL |
|
Description similaire - AD8316-EVAL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |