Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A100J15C0GH5UAA Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce A100J15C0GH5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

A100J15C0GH5UAA Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A100J15C0GH5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 10Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 11Page - List of Unclassifed Manufacturers A100J15C0GH5UAA Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2002 Sep 10
8
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
X7R
±10% tolerance
100 pF
50
15
A101K15X7RF5UAA
2252 225 21101
100
15
A101K15X7RH5UAA
2252 226 21101
150 pF
50
15
A151K15X7RF5UAA
2252 225 21151
100
15
A151K15X7RH5UAA
2252 226 21151
220 pF
50
15
A221K15X7RF5UAA
2252 225 21221
100
15
A221K15X7RH5UAA
2252 226 21221
330 pF
50
15
A331K15X7RF5UAA
2252 225 21331
470 pF
50
15
A471K15X7RF5UAA
2252 225 21471
100
15
A471K15X7RH5UAA
2252 226 21471
680 pF
50
15
A681K15X7RF5UAA
2252 225 21681
1000 pF
50
15
A102K15X7RF5UAA
2252 225 21102
100
15
A102K15X7RH5UAA
2252 226 21102
1500 pF
50
15
A152K15X7RF5UAA
2252 225 21152
2200 pF
50
15
A222K15X7RF5UAA
2252 225 21222
100
15
A222K15X7RH5UAA
2252 226 21222
3300 pF
50
15
A332K15X7RF5UAA
2252 225 21332
4700 pF
50
15
A472K15X7RF5UAA
2252 225 21472
100
15
A472K15X7RH5UAA
2252 226 21472
6800 pF
50
15
A682K15X7RF5UAA
2252 225 21682
0.01
µF
50
15
A103K15X7RF5UAA
2252 225 21103
100
15
A103K15X7RH5UAA
2252 226 21103
0.015
µF
50
15
A153K15X7RF5UAA
2252 225 21153
0.022
µF
50
15
A223K15X7RF5UAA
2252 225 21223
100
15
A223K15X7RH5UAA
2252 226 21223
0.033
µF
50
15
A333K15X7RF5UAA
2252 225 21333
0.047
µF
50
15
A473K15X7RF5UAA
2252 225 21473
100
20
A473K20X7RH5UAA
2252 226 41473
0.068
µF
50
15
A683K15X7RF5UAA
2252 225 21683
0.1
µF
50
15
A104K15X7RF5UAA
2252 225 21104
100
20
A104K20X7RH5UAA
2252 226 41104
C
UR(DC)
(V)
SIZE
CODE
CLEAR TEXT CODE
CATALOGUE NUMBER


Numéro de pièce similaire - A100J15C0GH5UAA

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
A100 CK-COMPONENTS-A100 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A100 CK-COMPONENTS-A100 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A100 CK-COMPONENTS-A100 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A100 CK-COMPONENTS-A100 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A100 CK-COMPONENTS-A100 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Description similaire - A100J15C0GH5UAA

FabricantNo de pièceFiches techniqueDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com