Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC281 Fiches technique(PDF) 1 Page - Hittite Microwave Corporation

No de pièce HMC281
Description  GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC281 Fiches technique(HTML) 1 Page - Hittite Microwave Corporation

  HMC281 Datasheet HTML 1Page - Hittite Microwave Corporation HMC281 Datasheet HTML 2Page - Hittite Microwave Corporation HMC281 Datasheet HTML 3Page - Hittite Microwave Corporation HMC281 Datasheet HTML 4Page - Hittite Microwave Corporation HMC281 Datasheet HTML 5Page - Hittite Microwave Corporation HMC281 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 - 54
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
Features
EXCELLENT NOISE FIGURE: 2.5 dB
STABLE GAIN vs. TEMPERATURE: 22 dB ± 2 dB
WIDEBAND PERFORMANCE: 18 - 32 GHz
SMALL SIZE: 0.97 mm x 1.67 mm
The HMC281 chip is a three stage GaAs MMIC
Low Noise Amplifier (LNA) which covers the
frequency range of 18 to 32 GHz. The chip can
easily be integrated into Multi-Chip Modules
(MCMs) due to its small (1.62 mm2) size. The
chip utilizes a GaAs PHEMT process offering 22
dB gain from a bias supply of +3.5V @ 60mA with
a noise figure of 2.5 dB. This LNA can be used in
millimeterwave point-to-point radios, LMDS,
VSAT, and other SATCOM applications. All data
is with the chip in a 50 ohm test fixture connected
via ribbon bonds of minimal length. The HMC281
may be used in conjunction with HMC143,
HMC203, HMC258, HMC264, or HMC265 mix-
ers to realize a microwave or millimeterwave
system receiver.
General Description
Guaranteed Performance, Vdd = +3.5V*, Idd = 60mA, -55 to +85 deg C
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
4
2
-
8
12
3
-
4
2z
H
G
n
i
a
G7
12
25
10
2B
d
)
W
B
z
h
G
1
y
n
A
(
s
s
e
n
t
a
l
F
n
i
a
G
1
±1
±B
d
e
r
u
g
i
F
e
s
i
o
N
5
.
24
2
.
37
.
4B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
3
16
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
0
17
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R0
45
42
42
5B
d
)
B
d
1
P
(
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
t
u
O5
9
6
0
1m
B
d
)
t
a
s
P
(
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S8
2
15
.
82
1m
B
d
)
3
P
I
(
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O7
12
20
25
2m
B
d
)
3
,
2
,
1
d
d
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S5
2
.
35
.
35
7
.
35
2
.
35
.
35
7
.
3c
d
V
)
3
,
2
g
V
&
1
g
V
(
e
g
a
t
l
o
V
s
a
i
B
e
t
a
G
5
2
.
0
-5
2
.
0
-c
d
V
)
.
p
y
T
V
5
1
.
0
-
=
g
g
V
,
V
5
.
3
+
=
d
d
V
(
)
d
d
I
(
t
n
e
r
r
u
C
y
l
p
p
u
S
0
60
0
10
60
0
1A
m
.
l
a
c
i
p
y
t
A
m
0
6
=
d
d
I
e
v
e
i
h
c
a
o
t
V
4
.
0
+
o
t
0
.
2
-
n
e
e
w
t
e
b
3
,
2
,
1
g
V
=
g
g
V
t
s
u
j
d
a
,
V
5
.
3
+
o
t
d
e
t
c
e
n
n
o
c
3
,
2
,
1
d
V
=
d
d
V
*
GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
HMC281
V
02.0500


Numéro de pièce similaire - HMC281

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
152Kb / 6P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results

Description similaire - HMC281

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com