Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2074 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD2074
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2074 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD2074 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2074 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD2074
Silicon NPN epitaxial planer type
For low-frequency output amplification
For muting
For DC-DC converter
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Low ON resistance Ron.
q
High foward current transfer ratio hFE.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
25
20
12
1
0.5
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
ON resistanse
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Ron
*3
Conditions
VCB = 25V, IE = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 0.5A
*2
VCE = 2V, IC = 1A
*2
IC = 0.5A, IB = 20mA
IC = 0.5A, IB = 50mA
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f= 1MHz
min
25
20
12
200
60
typ
0.13
200
10
1.0
max
100
800
0.4
1.2
Unit
nA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
R
S
T
hFE1
200 ~ 350
300 ~ 500
400 ~ 800
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)
*3R
on Measurement circuit
V
B
I
B=1mA
R
on=
!1000(
Ω)
f=1kHz
V=0.3V
1k
V
A
V
V
V
A–VB
V
B
*2 Pulse measurement
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion


Numéro de pièce similaire - 2SD2074

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD207 ISC-2SD207 Datasheet
262Kb / 2P
   isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SD2075 TOSHIBA-2SD2075 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2075A TOSHIBA-2SD2075A Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2079 TOSHIBA-2SD2079 Datasheet
205Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2079 TOSHIBA-2SD2079 Datasheet
151Kb / 5P
   High-Power Switching Applications
More results

Description similaire - 2SD2074

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC5335 PANASONIC-2SC5335 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2179 PANASONIC-2SD2179 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2459 PANASONIC-2SD2459 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2460 PANASONIC-2SD2460 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com