Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9WMB1FK Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC9WMB1FK
Description  1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1FK Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9WMB1FK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB1FK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TC9WMB1FK,TC9WMB2FK
2002-07-31
7
(2)
Random read
A random read reads data at a specified address. A dummy write is necessary to specify an address.
In random read mode, enter a device address, R/W (= 0), and a word address after a start condition.
Unlike a byte or page write, where write data is entered immediately, a dummy write only specifies a
word address. Then, supply a start condition and enter a device address and R/W (= 1) in the same
way as for a current address read, to read data from the specified address.
(3)
Sequential read
A sequential read reads data sequentially from successive word addresses.
For either current address read or random read, after entering a start condition, a device address,
and R/W (= 1), inputting a low acknowledge signal causes the word address to be incremented
automatically to read data at the next address.
After the last address is reached, the word address is rolled over to address 0.
Figure 9
SDA LINE
1
D
6
D
4
D
5
D
3
D
1
D
2
D
0
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
D
4
D
5
D
3
D
1
D
2
D
0
DEVICE
ADDRESS
R
E
A
D
A
C
K
R
/
W
D
7
A
C
K
S
T
O
P
DATA (n)
READ
DATA (n)
DATA (n
+ 1)
READ
DATA (n
+ 1)
A
C
K
DATA (n
+ 2)
READ
DATA (n
+ 2)
A
C
K
D
7
D
6
DATA (n
+ m)
READ
DATA (n
+ m)
N
O
A
C
K
Address
increment
Address
increment
Address
increment
Address
increment
Figure 8
SDA LINE
1 0 1 0 × × × 0
W
6
W
4
W
5
W
3
W
1
W
2
W
0
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
W
R
I
T
E
L
S
B
A
C
K
R
/
W
W
7
*
WORD
ADDRESS (n)
A
C
K
A
C
K
D
7
D
6
D
4
D
5
D
3
D
1
D
2
D
0
DATA (n)
S
T
O
P
*: Don't care for the TC9WMB1
L
S
B
M
S
B
1 010 ×××1
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
R
E
A
D
L
S
B
READ
DATA (n)
N
O
A
C
K
Address
increment
DUMMY WRITE


Numéro de pièce similaire - TC9WMB1FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
More results

Description similaire - TC9WMB1FK

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
logo
National Semiconductor ...
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
   MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
logo
List of Unclassifed Man...
MMN2716 ETC1-MMN2716 Datasheet
244Kb / 6P
   2048 x 8 BIT EPROM / PROM
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com