Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1996 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1996
Description  Silicon NPN epitaxial planer type(For low-voltage output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1996 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1996 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1996 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1996
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
Ron — IB
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature Ta (˚C)
06
5
4
13
2
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
2.5mA
2.0mA
1.5mA
0.5mA
1.0mA
3.0mA
3.5mA
I
B=4.0mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=25
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
1200
1000
800
600
400
200
V
CE=2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
400
300
100
250
350
200
50
150
V
CB=10V
Ta=25˚C
Emitter current I
E
(A)
1
3
10
30
100
0
24
20
16
12
8
4
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
f=1kHz
V=0.3V
V
B
R
on measuring circuit
I
B=1mA
V
A
V
Base current I
B
(mA)


Numéro de pièce similaire - 2SD1996

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1996 PANASONIC-2SD1996 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
More results

Description similaire - 2SD1996

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1330 PANASONIC-2SD1330 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1328 PANASONIC-2SD1328 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1979 PANASONIC-2SD1979 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1302 PANASONIC-2SD1302 Datasheet
41Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD2210 PANASONIC-2SD2210 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com