Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4962 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4962
Description  Ceramic Speaker Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4962 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4962 Datasheet HTML 3Page - National Semiconductor (TI) LM4962 Datasheet HTML 4Page - National Semiconductor (TI) LM4962 Datasheet HTML 5Page - National Semiconductor (TI) LM4962 Datasheet HTML 6Page - National Semiconductor (TI) LM4962 Datasheet HTML 7Page - National Semiconductor (TI) LM4962 Datasheet HTML 8Page - National Semiconductor (TI) LM4962 Datasheet HTML 9Page - National Semiconductor (TI) LM4962 Datasheet HTML 10Page - National Semiconductor (TI) LM4962 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 3.2V, VO = 4.95VRMS,ZL = 2µF+9.4
THD+N vs Frequency
V
DD = 4.2V, VO = 4.95VRMS,ZL = 2µF+9.4
20142211
20142212
THD+N vs Frequency
V
DD = 5V, VO = 4.95VRMS,ZL = 2µF+9.4
THD+N vs Output Voltage Swing
V
DD = 3.2V, ZL = 2µF+9.4
Ω, f = 1kHz
20142213
20142214
THD+N vs Output Voltage Swing
V
DD = 4.2V, ZL = 2µF+9.4
Ω, f = 1kHz
THD+N vs Output Voltage Swing
V
DD = 5V, ZL = 2µF+9.4
Ω, f = 1kHz
20142215
20142216
www.national.com
7


Numéro de pièce similaire - LM4962

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4962 TI1-LM4962 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
More results

Description similaire - LM4962

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com