Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AAD3528PBC Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce AAD3528PBC
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAD3528PBC Fiches technique(HTML) 1 Page - Kingbright Corporation

  AAD3528PBC Datasheet HTML 1Page - Kingbright Corporation AAD3528PBC Datasheet HTML 2Page - Kingbright Corporation AAD3528PBC Datasheet HTML 3Page - Kingbright Corporation AAD3528PBC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA3589
REV NO: V.1
DATE: SEP/05/2001
PAGE: 1 OF 4
Package Dimensions
3.5x2.8mm SURFACE MOUNT LED LAMP
AAD3528PBC/G
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
Description
The Blue source color devices are made with InGaN on
SiC Light Emitting Diode.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AAA3528SURKSGC 3.5 x 2.8mm SURFACE MOUNT LED LAMP 1  Kingbright Corporation
KA-3528 3.5 x 2.8mm SURFACE MOUNT LED LAMPS 1  2  3  4  5  More Kingbright Corporation
KAA-3528 3.5 X 2.8 MM SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
QTLP653C SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Reverse Mount with Inner Lens 1  2  3  4  5  More Fairchild Semiconductor
QTLP673C SURFACE MOUNT LED LAMP POWER PLCC-4 1  2  3  4  5  More Fairchild Semiconductor
QTLP660C SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm Dome Lens 1  2  3  4  5  More Fairchild Semiconductor
APKF3030SUVGBEC 3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation
QTLP282-2 SURFACE MOUNT LED LAMP FLAT TYPE 1  2  3  4  QT Optoelectronics
QTLP670C SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4 1  2  3  4  5  More Fairchild Semiconductor
QTLP601C-R SURFACE MOUNT LED LAMP 1  2  3  4  5  More Fairchild Semiconductor