Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1820A Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD1820A
Description  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1820A Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD1820A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1820A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1820, 2SD1820A
Silicon NPN epitaxial planer type
For general amplification
Complementary to 2SB1219 and 2SB1219A
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
1
500
150
150
–55 ~ +150
Unit
V
V
V
A
mA
mW
˚C
˚C
2SD1820
2SD1820A
2SD1820
2SD1820A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
*2
VCE = 10V, IC = 500mA
*2
IC = 300mA, IB = 30mA
*2
VCB = 10V, IE = –50mA
*2, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
40
typ
160
0.35
200
6
max
0.1
340
0.6
15
Unit
µA
V
V
V
V
MHz
pF
*2 Pulse measurement
2SD1820
2SD1820A
2SD1820
2SD1820A
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
2SD1820
WQ
WR
WS
2SD1820A
XQ
XR
XS
Marking symbol :
W(2SD1820)
X(2SD1820A)
Marking
Symbol


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
UN921MJ Silicon NPN epitaxial planer type 1  2  3  4  5  More Panasonic Semiconductor
2SD1011 Silicon NPN epitaxial planer type For low-frequency amplification 1  2  Panasonic Semiconductor
MT3S36T TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE 1  2  3  4  Toshiba Semiconductor
2SD1198 Silicon NPN epitaxial planer type darlington 1  2  Panasonic Semiconductor
2SD1423 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD1819A Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD2598 Silicon NPN epitaxial planer type darlington For low-frequency amplification 1  2  Panasonic Semiconductor
2SD1820A Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor
2SD1205 Silicon NPN epitaxial planer type darlington For low-frequency amplification 1  2  Panasonic Semiconductor
2SC1980 Silicon NPN epitaxial planer type 1  2  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn