Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1775 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1775
Description  Silicon NPN triple diffusion planar type(For high-speed switching and high current amplification ratio)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1775 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1775 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1775 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1775 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SD1775, 2SD1775A
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
0
150
125
100
25
75
50
0
40
30
10
25
35
20
5
15
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=1.3W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
I
B=3mA
T
C=25˚C
2mA
1mA
0.8mA
0.6mA
0.4mA
0.2mA
0.1mA
Collector to emitter voltage V
CE
(V)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=40
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=40
25˚C
100˚C
T
C=–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
10
30
100
300
1000
3000
10000
30000
100000
T
C=100˚C
25˚C
–25˚C
V
CE=4V
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=12V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
02.5
2.0
0.5
1.5
1.0
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=40 (IB1=–IB2)
V
CC=50V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
1ms
300ms
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SD1775

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD1770 ISC-2SD1770 Datasheet
255Kb / 2P
   isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SD1771 PANASONIC-2SD1771 Datasheet
73Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1771A PANASONIC-2SD1771A Datasheet
73Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1772 PANASONIC-2SD1772 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SD1772 SAVANTIC-2SD1772 Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1775

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1272 PANASONIC-2SD1272 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For high-speed switching and high current amplification ratio)
2SD2139 PANASONIC-2SD2139 Datasheet
50Kb / 3P
   Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
2SD2375 PANASONIC-2SD2375 Datasheet
43Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2544 PANASONIC-2SD2544 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1776 PANASONIC-2SD1776 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1754 PANASONIC-2SD1754 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2527 PANASONIC-2SD2527 Datasheet
42Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1753 PANASONIC-2SD1753 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1258 PANASONIC-2SD1258 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2486 PANASONIC-2SD2486 Datasheet
70Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com