Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM68V257C Fiches technique(PDF) 9 Page - Samsung semiconductor

No de pièce KM68V257C
Description  32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V257C Fiches technique(HTML) 9 Page - Samsung semiconductor

  KM68V257C Datasheet HTML 1Page - Samsung semiconductor KM68V257C Datasheet HTML 2Page - Samsung semiconductor KM68V257C Datasheet HTML 3Page - Samsung semiconductor KM68V257C Datasheet HTML 4Page - Samsung semiconductor KM68V257C Datasheet HTML 5Page - Samsung semiconductor KM68V257C Datasheet HTML 6Page - Samsung semiconductor KM68V257C Datasheet HTML 7Page - Samsung semiconductor KM68V257C Datasheet HTML 8Page - Samsung semiconductor KM68V257C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
KM68V257C
CMOS SRAM
PRELIMINARY
Rev 3.0
- 9 -
February 1998
PACKAGE DIMENSIONS
Units:millimeters/Inches
#1
28-SOJ-300
#28
18.41 ±0.12
0.725 ±0.005
+0.10
MAX
18.82
0.741
0.20
-0.05
+0.004
0.008
-0.002
6.86 ±0.25
0.270 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
#14
#15
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
-0.002
+0.10
0.71
-0.05
+0.004
0.028
-0.002
1.27
0.050
0.004
0.10
MAX
8.51 ±0.12
0.335 ±0.005
28-TSOP1-0813.4F
1.00 ±0.10
0.039 ±0.004
0.50
(
)
0.020
11.80 ±0.10
0.465 ±0.004
0.45 ~0.75
0.018 ~0.030
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
0.425
(
)
0.017
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#28
#1
13.40 ±0.20
0.528 ±0.008
#15
#14
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.55
0.0217
Units:millimeters/Inches


Numéro de pièce similaire - KM68V257C

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-12 SAMSUNG-KM68V257E-12 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-15 SAMSUNG-KM68V257E-15 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-20 SAMSUNG-KM68V257E-20 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257EI SAMSUNG-KM68V257EI Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
More results

Description similaire - KM68V257C

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com