Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES16201UP Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce ES16201UP
Description  EMERGING DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ES16201UP Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  ES16201UP Datasheet HTML 1Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 2Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 3Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 4Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 5Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 6Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 7Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 8Page - List of Unclassifed Manufacturers ES16201UP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
ES16201(TRANSFLECTIVE TYPES)
1
1
1.
GENERAL SPECIFICATIONS
1 . 1
GENERAL SPECIFICATIONS
PLEASE REFER TO :
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATIONS :
E U - 0 0 2 A
1 . 2
APPLICATION NOTES FOR CONTROLLER / DRIVER : NT7603
PLEASE REFER TO :
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATIONS :
E U - N T 7 6 0 3
1 . 3
THIS INDIVIDUAL SPECIFICATIONS IS PRIOR TO GENERAL
SPECIFICATIONS .
2 .
MECHANICAL SPECIFICATIONS
( 1 ) NUMBER OF CHARACTER -------------------- 16 CH * 2 LINE
( 2 ) MODULE SIZE
-------------------------------- 69.0W * 30.0H * 3.0D (max.) mm
( 3 ) EFFECTIVE AREA
----------------------------- 63.0W * 18.0H mm
( 4 ) CHARACTER FONT
--------------------------- 5 * 7 DOTS + CURSOR
( 5 ) CHARACTER SIZE
--------------------------- 2.96W * 5.56H mm
( 6 ) CHARACTER PITCH
--------------------------- 3.55(W)*5.94 (H)
( 7 ) DOT SIZE
------------------------------------- 0.56W * 0.66H mm
( 8 ) DOT PITCH
----------------------------------- 0.60W * 0.70H mm
( 9 ) LCD TYPE *
( 10 ) DRIVING METHOD
--------------------------- 1 / 16 DUTY MULTIPLEX DRIVE
* PLEASE REFER TO NUMBERING SYSTEM
ACDS 175-177 route de Genas - 69100 VILLEURBANNE - France
Tél : +33 4 72 91 26 80 - Fax : +33 4 72 35 18 06
http://www.acds.fr


Numéro de pièce similaire - ES16201UP

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ES1601-7R POWER-ONE-ES1601-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
List of Unclassifed Man...
ES1611 ETC2-ES1611 Datasheet
84Kb / 4P
   Electro-Wash짰 NX New & Improved! Cleaner Degreaser
logo
Cyrustek corporation
ES166 CYRUSTEK-ES166 Datasheet
491Kb / 23P
   LCR/DMM analog front
logo
Hammond Manufacturing L...
ES16MFHD HAMMOND-ES16MFHD Datasheet
52Kb / 1P
   Ensemble de pieds de montage Eclipse
ES16MFHD HAMMOND-ES16MFHD Datasheet
91Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Description similaire - ES16201UP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EW32F10 ETC-EW32F10 Datasheet
121Kb / 14P
   EMERGING DISPLAY
logo
Japan Display Inc.
LPM013M126A DATAMODUL-LPM013M126A Datasheet
757Kb / 38P
   Display
LPM044M141A DATAMODUL-LPM044M141A Datasheet
725Kb / 38P
   Display
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
   Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
logo
Japan Display Inc.
LPM027M128B DATAMODUL-LPM027M128B Datasheet
929Kb / 37P
   Display
LPM013M091A DATAMODUL-LPM013M091A_18 Datasheet
2Mb / 47P
   Display
LPM027M128C DATAMODUL-LPM027M128C Datasheet
2Mb / 37P
   Display
LPM013M126C DATAMODUL-LPM013M126C_18 Datasheet
1Mb / 36P
   Display
logo
List of Unclassifed Man...
HSD190ME13-D10 ETC1-HSD190ME13-D10 Datasheet
416Kb / 27P
   Display
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
   Arduino Display Module Pack Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com