Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2042AFJ Fiches technique(PDF) 2 Page - Rohm

No de pièce BD2042AFJ
Description  High-Side Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2042AFJ Fiches technique(HTML) 2 Page - Rohm

  BD2042AFJ Datasheet HTML 1Page - Rohm BD2042AFJ Datasheet HTML 2Page - Rohm BD2042AFJ Datasheet HTML 3Page - Rohm BD2042AFJ Datasheet HTML 4Page - Rohm BD2042AFJ Datasheet HTML 5Page - Rohm BD2042AFJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
2/20
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings
BD6512F/BD6513F/BD6516F/BD6517F
Parameter
Symbol
Limits
Unit
Supply voltage
VDD
-0.3 to 6.0
V
CTRL voltage
VCTRL
-0.3 to VDD+0.3
V
Flag voltage
VFLAG
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VDD+0.3
(BD6512F/ BD6513F)
V
-0.3 to 6.0
(BD6516F/ BD6517F)
V
Storage temperature
TSTG
-55 to 150
ºC
Power dissipation *1
Pd
560 *1
mW
BD2042AFJ/ BD2052AFJ
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3 to 6.0
V
EN,/EN voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
ºC
Power dissipation
*1
Pd
560
*1
mW
*1 This value decreases 4.48mW/℃ above Ta=25℃.
* Resistance radiation design is not doing.
Operating conditions
BD6512F/BD6513F/BD6516F/BD6517F
Parameter
Symbol
Limits
Unit
Supply voltage
VDD
3.0 to 5.5
V
Operation temperature
TOPR
-25 to 85
°C
Continuous output current
ILO
0 to 500
mA
BD2042AFJ/ BD2052AFJ
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
2.7 to 5.5
V
Operation temperature
TOPR
-40 to 85
ºC
Continuous output current
ILO
0 to 500
mA


Numéro de pièce similaire - BD2042AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2042AFJ ROHM-BD2042AFJ Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2042AFJ-E2 ROHM-BD2042AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2042AFJ-E2 ROHM-BD2042AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Description similaire - BD2042AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
   High-side Switch
logo
Rohm
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
   High Side Switch
logo
Linear Technology
LT1089 LINER-LT1089_15 Datasheet
134Kb / 8P
   High Side Switch
logo
Rohm
BD6513F ROHM-BD6513F Datasheet
211Kb / 6P
   High-Side Switch
BD6519FJ ROHM-BD6519FJ Datasheet
305Kb / 6P
   High Side Switch
logo
Siemens Semiconductor G...
BTS432D SIEMENS-BTS432D Datasheet
149Kb / 7P
   High-side switch
logo
Rohm
BD6510F ROHM-BD6510F Datasheet
210Kb / 6P
   High-Side Switch
BD6517F ROHM-BD6517F Datasheet
209Kb / 6P
   High Side Switch
logo
Sanyo Semicon Device
4AM01MH5 SANYO-4AM01MH5 Datasheet
26Kb / 4P
   High-side Switch
logo
Siemens Semiconductor G...
BTS410E SIEMENS-BTS410E Datasheet
403Kb / 12P
   High-side switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com