Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STM8450A Fiches technique(PDF) 11 Page - VBsemi Electronics Co.,Ltd

No de pièce STM8450A
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM8450A Fiches technique(HTML) 11 Page - VBsemi Electronics Co.,Ltd

Back Button STM8450A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 11Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 12Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 13Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 14Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
STM8450A
11
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn