Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STM8450A Fiches technique(PDF) 10 Page - VBsemi Electronics Co.,Ltd

No de pièce STM8450A
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM8450A Fiches technique(HTML) 10 Page - VBsemi Electronics Co.,Ltd

Back Button STM8450A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 11Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 12Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 13Page - VBsemi Electronics Co.,Ltd STM8450A Datasheet HTML 14Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Single Pulse Avalanche Capability
1
100
10
TA - Time In Avalanche (s)
0.001
0.0001
0.00001
0.000001
T
A
L . I
D
BV - V
DD
=
STM8450A
10
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Numéro de pièce similaire - STM8450A

FabricantNo de pièceFiches techniqueDescription
SamHop Microelectronics Corp.
SamHop Microelectronics...
STM8450A SAMHOP-STM8450A Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Description similaire - STM8450A

FabricantNo de pièceFiches techniqueDescription
Vishay Siliconix
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4565GM VBSEMI-4565GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz