Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZPH02 Fiches technique(PDF) 10 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

No de pièce ZPH02
Description  Particles Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Site Internet  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH02 Fiches technique(HTML) 10 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Back Button ZPH02 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 10Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
8
way to install the sensor will read abnormal.
1.2. To ensure smooth detection of gas flow outside the air flow can smoothly into the sensor
optical cavity and timely discharge. When applied to the air refresher, the fan inlet and outlet air
flow can not affect the stability of the sensor detection gas path, can be installed on the side of the
body
1.3. To avoid light. Dust sensor uses a specific wavelength light LED and visible light cut off the
photoelectric sensor to detect dust particles, external light radiation will affect the dust sensor
optical signal, it is recommended to use the sponge cover dust sensor center triangle hole (shown
in Figure 1), do not block Sensor inlet and outlet.
2.Power supply requirements: Module metal shield and circuit GND connection, should prevent
the GND pin access to higher than the human body safe voltage system, should not be applied to
the system involving personal safety.
3.Clean the lens: the lens needs to be cleaned according to the use of the environment, once
about 6 months. When cleaning, use a cotton swab to rinse the surface of the lens, and then wipe
the water with another head in time. Do not wipe the lens with organic solvents such as alcohol.
2.To avoid bad interference
To avoid exposure to water vapor away from the bathroom or air humidifier, the water mist will
PM2.5 data abnormal fluctuations; splashing water or immersed in water will cause the sensor
sensitive characteristics
3.Transport & storage
1. Avoid vibration:Frequent transport and assembly process, excessive vibration will lead to
optical device dislocation affect the original calibration data
2. Long-term storage:Sealed bags sealed to avoid contact with corrosive gas damage to circuit
boards and optics.
Zhengzhou Winsen Electronics Technology Co., Ltd
Add: No.299, Jinsuo Road, National Hi-Tech Zone,
Zhengzhou 450001 China
Tel: +86-371-67169097/67169670
Fax: +86-371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com


Numéro de pièce similaire - ZPH02

FabricantNo de pièceFiches techniqueDescription
logo
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
More results

Description similaire - ZPH02

FabricantNo de pièceFiches techniqueDescription
logo
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
logo
List of Unclassifed Man...
GT321 ETC2-GT321 Datasheet
159Kb / 2P
   Counts individual particles using scattered laser light
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com