Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-100BGQ01 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce VS-100BGQ01
Description  High Performance Schottky Rectifier, 100 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-100BGQ01 Fiches technique(HTML) 2 Page - Vishay Siliconix

  VS-100BGQ01 Datasheet HTML 1Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 2Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 3Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 4Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 5Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 6Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-100BGQ015
www.vishay.com
Vishay Semiconductors
Revision: 12-Jun-15
2
Document Number: 94578
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)
50 A
TJ = 25 °C
0.36
0.4
V
100 A
0.45
0.52
50 A
TJ = 125 °C
0.27
0.31
100 A
0.39
0.45
Maximum reverse leakage current
IRM (1)
TJ = 100 °C, VR = 12 V
480
700
mA
TJ = 125 °C, VR = 5 V
1
1.2
A
TJ = 25 °C
VR = Rated VR
718
mA
TJ = 100 °C
580
870
Maximum junction capacitance
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz), 25 °C
3800
pF
Typical series inductance
LS
Measured from tab to mounting plane
3.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
-55 to +125
°C
Maximum storage temperature range
TStg
-55 to +150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.50
°C/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.30
Approximate weight
5g
0.18
oz.
Mounting torque
minimum
1.2 (10)
N · m
(lbf · in)
maximum
2.4 (20)
Marking device
Case style PowerTab®
100BGQ015


Numéro de pièce similaire - VS-100BGQ01

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-100BGQ015 VISHAY-VS-100BGQ015 Datasheet
134Kb / 8P
   Schottky Rectifier
Revision: 15-Jun-11
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
150Kb / 7P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_V01 Datasheet
150Kb / 7P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
More results

Description similaire - VS-100BGQ01

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-100BGQ04 VISHAY-VS-100BGQ04 Datasheet
141Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ04HF4 VISHAY-VS-100BGQ04HF4 Datasheet
145Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
143Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ045HF4 VISHAY-VS-100BGQ045HF4 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ10 VISHAY-VS-100BGQ10 Datasheet
156Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jan-2019
VS-100BGQ100 VISHAY-VS-100BGQ100_V01 Datasheet
160Kb / 6P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ100HF4 VISHAY-VS-100BGQ100HF4 Datasheet
154Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 25-Nov-16
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4_15 Datasheet
129Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com