Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TRS12E65F Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TRS12E65F
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS12E65F Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TRS12E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS12E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS12E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS12E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS12E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS12E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TRS12E65F
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Repetitive peak reverse voltage
Forward DC current
Forward pulse current
Power dissipation
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Mounting torque
Symbol
VRRM
IF(DC)
IFP
PD
IFSM
Tj
Tstg
TOR
Note
(Note 1)
(Note 2)
(Note 3)
Rating
650
12
120
115
97
175
-55 to 175
0.6
Unit
V
A
A
W
A
Nm
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: t = 50 µs
Note 2: Tc = 25
Note 3: f = 50 Hz (half-sine wave, t = 10 ms)
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-case)
Thermal resistance (junction-to-ambient)
Symbol
Rth(j-c)
Rth(j-a)
Test Condition
Max
1.3
89
Unit
/W
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Forward voltage
Reverse current
Junction capacitance
Symbol
VF(1)
VF(2)
IR
Cj
Test Condition
IF = 6 A (pulse measurement)
IF = 12 A (pulse measurement)
VR = 650 V (pulse measurement)
VR = 650 V, f = 1 MHz
Min
Typ.
1.2
1.45
0.6
44
Max
1.6
60
Unit
V
V
µA
pF
2019-11-05
Rev.1.0
©2019
Toshiba Electronic Devices & Storage Corporation


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn