Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSM3J36MFV Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce SSM3J36MFV
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J36MFV Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  SSM3J36MFV Datasheet HTML 1Page - Toshiba Semiconductor SSM3J36MFV Datasheet HTML 2Page - Toshiba Semiconductor SSM3J36MFV Datasheet HTML 3Page - Toshiba Semiconductor SSM3J36MFV Datasheet HTML 4Page - Toshiba Semiconductor SSM3J36MFV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3J36MFV
2014-03-01
3
Ambient temperature Ta (°C)
Vth – Ta
-1.0
0
−50
0
150
-0.5
50
100
Common Source
VDS = -3 V
ID = -1 mA
0
-2
-4
-6
Gate-source voltage VGS (V)
0
5
RDS (ON) – VGS
4
-8
3
2
1
− 25 °C
Ta
= 100 °C
25 °C
ID =-100mA
Common Source
Ta
= 25°C
Drain-source voltage VDS (V)
ID – VDS
0
-200
0
-0.5
-1.0
-1.5
-100
-500
-8V
Common Source
Ta
= 25 °C
-2.8V
-4.5V
-1.5 V
-1.8 V
VGS=-1.2 V
-2.5V
-300
-400
-600
-700
Gate-source voltage VGS (V)
ID – VGS
-1000
0
-10
-100
-0.1
-1
-0.01
-1.0
-2.0
− 25 °C
Ta
= 100 °C
25 °C
Common Source
VDS = -3 V
RDS (ON) – ID
Drain current ID (mA)
0
-100
-200
0
5
4
3
2
1
VGS = -4.5 V
-2.8 V
Common Source
Ta
= 25°C
-1.8 V
-300
-400
-500
-600
-700
-1.5 V
Ambient temperature Ta (°C)
RDS (ON) – Ta
−50
0
50
150
100
Common Source
ID = -100mA / VGS = -4.5 V
-40mA / -1.8 V
-80mA / -2.8 V
-30mA / -1.5V
0
5
4
3
2
1


Numéro de pièce similaire - SSM3J36MFV

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
SSM3J36FS TOSHIBA-SSM3J36FS Datasheet
191Kb / 5P
   Power Management Switches
logo
VBsemi Electronics Co.,...
SSM3J36FS VBSEMI-SSM3J36FS Datasheet
1,010Kb / 8P
   P-Channel 20 V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3J36TU TOSHIBA-SSM3J36TU Datasheet
186Kb / 5P
   Power Management Switches
More results

Description similaire - SSM3J36MFV

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com