Moteur de recherche de fiches techniques de composants électroniques |
|
74AC125SCX Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
74AC125SCX Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLF10692 March 1993 54AC74AC125 74ACT125 Quad Buffer with TRI-STATE Outputs General Description The ’AC’ACT125 contains four independent non-inverting buffers with TRI-STATE outputs Features Y ICC reduced by 50% Y Outputs sourcesink 24 mA Y ’ACT125 has TTL-compatible outputs Logic Symbol IEEEIEC TLF10692 – 1 Connection Diagrams Pin Assignment for DIP SOIC and Flatpak TLF10692 – 2 Pin Assignment for LCC TLF10692 – 3 Pin Names Description An Bn Inputs On Outputs Function Table Inputs Output An Bn On LL L LH H HX Z H e HIGH Voltage Level L e LOW Voltage Level Z e HIGH Impedance X e Immaterial TRI-STATE is a registered trademark of National Semiconductor Corporation FACTTM is a trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
Numéro de pièce similaire - 74AC125SCX |
|
Description similaire - 74AC125SCX |