Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVXC4245 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce 74LVXC4245
Description  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC4245 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button 74LVXC4245 Datasheet HTML 3Page - STMicroelectronics 74LVXC4245 Datasheet HTML 4Page - STMicroelectronics 74LVXC4245 Datasheet HTML 5Page - STMicroelectronics 74LVXC4245 Datasheet HTML 6Page - STMicroelectronics 74LVXC4245 Datasheet HTML 7Page - STMicroelectronics 74LVXC4245 Datasheet HTML 8Page - STMicroelectronics 74LVXC4245 Datasheet HTML 9Page - STMicroelectronics 74LVXC4245 Datasheet HTML 10Page - STMicroelectronics 74LVXC4245 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74LVXC4245
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45° (typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
13.97
0.550
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
S8° (max.)
SO-24 MECHANICAL DATA
PO13T
L
E
e
D
e3
b
24
13
112
c1
s


Numéro de pièce similaire - 74LVXC4245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Fairchild Semiconductor
74LVXC4245MTC FAIRCHILD-74LVXC4245MTC Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC4245MTCX FAIRCHILD-74LVXC4245MTCX Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74LVXC4245MTR STMICROELECTRONICS-74LVXC4245MTR Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

Description similaire - 74LVXC4245

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com