Moteur de recherche de fiches techniques de composants électroniques |
|
IZD1520 Fiches technique(PDF) 1 Page - Integral Corp. |
|
IZD1520 Fiches technique(HTML) 1 Page - Integral Corp. |
1 / 13 page CMOS DOT MATRIX LCD DRIVER IZD1520 1 FEATURES • CMOS LSI chips • Connection with CPU Can be directly coupled with 80-port or 68-port system • Available in chip form or in 100-pin plastic QFP • Pin-to-Pin Replacement for SED1520 Series • Many command set • Total 80 (segment+common) drive sets • Low power consumption - 30µW maximum at 2kHz external clock • Power supply V DD - VSS : 2.4 to -7.0V VDD - V5 : 3.5 to -13.0V DESCRIPTION The IZD1520 family of dot matrix LCD (Liquid Crystal Display) drivers are designed for the display of characters and graphics. The drivers generate LCD drive signals derived from bit mapped data stored in an internal RAM. The IZD1520 family drivers incorporate innovative circuit design strategies to achieve very low power dissipation at a wide range of operating voltages. These features give the designer a flexible means of implementing small to medium size LCD displays for compact, low power systems. The IZD1520 which is able to drive two lines of twelve characters each. The IZD1521 which is able to drive 80 segments for extension. ABSOLUTE MAXIMUM RATINGS Characteristic Symbol Value Unit Supply Voltage (1) VSS - 8.0 ~ 0.3 V Supply Voltage (2) V5 - 16.5 ~ 0.3 V Supply Voltage (3) V1, V2, V3, V4 V5 ~ 0.3 V Input Voltage VI VSS - 0.3 ~ 0.3 V Output Voltage VO VSS - 0.3 ~ 0.3 V Power Dissipation PD 250 mW Operating Temperature Ta - 10 ~ + 75 oC Storage Temperature Tstg - 65 ~ + 150 oC Soldering temperature time (10 sec max) Tsol 260 oC Notes: 1. All voltages are specified relative to VDD = 0V. 2. The following relation must be always hold VDD ≥ V 1 ≥ V 2 ≥ V 3 ≥ V 4 ≥V 5. 3. Exceeding the absolute maximum ratings may cause permanent damage to the device. Functional operating under these conditions is not implied. LINE-UP Product Name Clock Frequency Applicable Driver Number of SEGMENT Drivers Number of COMMON Drivers Duty On-chip External IZD1520OA 18kHz 18kHz IZD1520OA , IZD1521OA 61 16 1/16, 1/32 IZD1521OA - 18kHz IZD1520OA 80 0 1/8 ~ 1/32 IZD1520AA - 2kHz IZD1520AA , IZD1521AA 61 16 1/16, 1/32 IZD1521AA - 2kHz IZD1520AA 80 0 1/8 ~ 1/32 |
Numéro de pièce similaire - IZD1520 |
|
Description similaire - IZD1520 |